Electronic Components Datasheet Search
  English  ▼

X  

34063 Datasheet(PDF) 7 Page - Estek Electronics Co. Ltd

Part # 34063
Description  Operation from 3.0 V to 40 V Input
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

34063 Datasheet(HTML) 7 Page - Estek Electronics Co. Ltd

  34063 Datasheet HTML 1Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 2Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 3Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 4Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 5Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 6Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
34063
Design Formula Table
Calculation
Step-Up
Step-Down
Voltage-Inverting
ton/toff
out
V
+
−
in
V
+ V
F
out
V
+ V
F
in
V
(min)
−
satV
(ton+toff)max
1
f
in
V
(min)
−V
sat
−
outV
1
f
in
V
+ V
sat
1
min
f
CT
4.0 x 10
-5
ton
4.0x10
-5
ton
4.0 x 10
-5
lpk(switch)
2
+ 1
2
t
I
on
+ 1
2I
out(max)
I
on
t
(max)
RSC
0.3/lpk(switch)
0.3/lpk(switch)
0.3/lpk(switch)
L(min)
−
−
V
in(min)
V
sat
−
in
V
sat
V
 ×t
on (max)
V
in (min)
V
sat
V
out
× on(max)
I
t
on(max)
I
pk ( switch )
I
pk ( switch )
pk ( switch )
CO
9
I
out ton
I
pk ( switch )
( t
+
t
)
9
tI
V
ripple ( pp )
8V
ripple ( pp )
V
ripple ( pp )
TERMS AND DEFINITIONS
Vsat -
Saturation voltage of the output switch.
VF -
Forward voltage drop of the output rectifier.
The following power supply characteristics must be chosen:
R
=
.1 25 1 +
Vout
1
R 
Vin -
Nominal input voltage.
Vout -
Desired output voltage,
Iout -
Desired output current.
fmin -
Minimum desired output switching frequency at the selected values of Vin and IO.
Vripple(p-p) –Desired peack-to-peack output ripple voltage. In practice, the calculated capacitor value will need to be increased due to its
equivalent series resistance and board la yout. The ripple voltage should be kept to a low value since it will directly affect the
line and load regulation.
Ordering Information
O R DER I NG NU M B ER
P AC K AGE
M AR K I NG
34063A
SOP-8 /DIP-8
MC34063A
Address :
6A06--6A07
Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Postalcode:100039
Tel: 86-010-58895780 / 81 / 82 / 83 / 84
Fax : 010-58895793
Http://www.estek.com.cn
Email:sales@estek.com.cn
REV No:01-060810
7
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com