Electronic Components Datasheet Search
  English  ▼

X  

34063 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # 34063
Description  Operation from 3.0 V to 40 V Input
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

34063 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  34063 Datasheet HTML 1Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 2Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 3Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 4Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 5Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 6Page - Estek Electronics Co. Ltd 34063 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
34063
Description
The MC34063A Series is a monolithic control circuit containing the primary functions required for DC-to-DC converters.
These devices consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator
with an active current limit circuit, driver and high current output switch. This series was specifically designed to be
incorporated in Step-Down and Step-Up and Voltage-Inverting applications with a minimum number of external
components.
Features
• Operation from 3.0 V to 40 V Input
• Low Standby Current
• Current Limiting
• Output Switch Current to 1.5 A
• Output Voltage Adjustable
• Frequency Operation to 100 kHz
• Precision 2% Reference
Plastic Package
Pin Connections
Internal Block Digram
Driver
Collector
8
1
Switch
Collector
S
Q
Q2
Ipk
Sense
VCC
Comparator
Inverting
Input
7
6
5
Ipk
Oscillator
Comparator
CT
R
100
1.25 V
Reference
Q1
2
3
4
Switch
Emitter
Timing
Capacitor
Gnd
1
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - 34063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Estek Electronics Co. L...
34063A ESTEK-34063A Datasheet
455Kb / 7P
monolithic control circuit containing the primary functions required for DC-to-DC converters
logo
System Logic Semiconduc...
34063AD SLS-34063AD Datasheet
73Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
List of Unclassifed Man...
34063AD ETC-34063AD Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
IK Semicon Co., Ltd
34063AD IKSEMICON-34063AD Datasheet
367Kb / 10P
DC-TO-DC CONVERTER CONTROL CIRCUITS
More results

Similar Description - 34063

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MTW2805S INTERPOINT-MTW2805S_10 Datasheet
445Kb / 6P
??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
Freescale Semiconductor...
MCZ33937AEK FREESCALE-MCZ33937AEK Datasheet
679Kb / 48P
Fully specified from 8.0 to 40 V covers 12 and 24 V automotive systems
logo
Fairchild Semiconductor
KA34063ADTF FAIRCHILD-KA34063ADTF Datasheet
48Kb / 6P
Operation From 3.0 to 40V Input
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
2.0 V to 3.6 V supply operation
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
Rohm
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com