Electronic Components Datasheet Search
  English  ▼

X  

35477 Datasheet(PDF) 1 Page - MENDA

Part # 35477
Description  Series II Fume Extraction System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35477 Datasheet(HTML) 1 Page - MENDA

  35477 Datasheet HTML 1Page - MENDA 35477 Datasheet HTML 2Page - MENDA 35477 Datasheet HTML 3Page - MENDA 35477 Datasheet HTML 4Page - MENDA 35477 Datasheet HTML 5Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3651 Walnut Avenue, Chino, CA 91710
Phone: (909) 627-2453 • Web Site: MendaPump.com
© 2016 DESCO INDUSTRIES INC.
Employee Owned
Series II Fume Extraction System
TECHNICAL BULLETIN TB-4015
Powerful, Portable Fume Extraction
The MENDA Series II Fume Extraction System is a two-arm filtration system that
combines powerful fan performance with efficient filtration. The compact design and easy set-up
makes it truly portable.
Depending on the application, three filter configurations are offered: The standard item (35470)
comes with a 95% efficient Non-HEPA filtration for solder fumes. You also have the option of
purchasing a HEPA filter (35472) or a Deep Bed Gas Filter (35473) for the removal of gases
from solvents, conformal coating, etc.
The air inlet ports allow the connection of 50 mm (2") or 63 mm (2.5") diameter exhaust arms.
Inspection
Item
Description
35470 Series II Fume Extractor,w/
Non-HEPA Filter
35471 Pre-Filter (5PK), for use with
(HEPA Filter, Gas Filter Only)
35472 Main Filter, HEPA 99.97% / Carbon
35473 Deep Bed Gas Filter 99.97%
35474 Main Filter, Non HEPA 95%
35475 2.5' Arm w/6' Hose & Bracket
35476 Arm w/Bracket, Clamps
35477 Flex Exhaust Arm 2.5'
35478 Flex Exhaust Arm 5'
35479 Table Bracket, Clamps
35480 Connect Hose, 6'
35481 Connect Hose, 12'
35482 Remote SW, Series II
Items included with model 35470:
•
1 Unit with 35474 filter installed
•
1 Remote Start/Stop Button (35482)
•
1 Power Cord, 120V US Plug
•
2 Flex Exhaust Arms 5' (35478)
35470
TB-4015 July 2016 Page 1 of 5


Similar Part No. - 35477

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35477-9002 MOLEX5-35477-9002 Datasheet
112Kb / 3P
Wedge Terminal 14.50mm (0.57") Pitch
logo
ERNI Electronics
354773 ERNI-354773 Datasheet
44Kb / 1P
MESSERKONTAKT 50 OHM
logo
TE Connectivity Ltd
354777-1 TEC-354777-1 Datasheet
1Mb / 1P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
354777-1 TEC-354777-1 Datasheet
520Kb / 1P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
354777-1 TEC-354777-1 Datasheet
1Mb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 35477

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
Extraction Tool
logo
Linear Dimensions Semic...
LNDA003-PEAL LINEAR_DIMENSIONS-LNDA003-PEAL Datasheet
245Kb / 1P
PEAL Signal Extraction System (PATENTS PENDING)
logo
3M Electronics
EXII-ASIC-C 3M-EXII-ASIC-C Datasheet
118Kb / 4P
EX II Series Capacitive Touch System Electronics
by
logo
Molex Electronics Ltd.
63813-3501 MOLEX11-63813-3501 Datasheet
35Kb / 1P
Extraction Tool for RCM Connector System
0638245700 MOLEX11-0638245700 Datasheet
47Kb / 1P
Extraction Tool for CTX50 Sealed Contacts for Mini50 Connection System
0638133501 MOLEX-0638133501 Datasheet
37Kb / 2P
Extraction Tool for RCM Connector System
11/02/2021
0638246300 MOLEX-0638246300 Datasheet
66Kb / 11P
Extraction Toolkit for MXP120 Sealed Connection System
08/26/2022
0638247500 MOLEX-0638247500 Datasheet
42Kb / 2P
Extraction Tool for CTX50 Contacts for Mini50 Sealed Connection System
08/26/2022
2002220100 MOLEX-2002220100 Datasheet
28Kb / 1P
Extraction Tool for stAK50h Connector System
08/25/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com