| Electronic Components Datasheet Search |
|
35477 Datasheet(PDF) 4 Page - MENDA |
|
|
|||||||||||||||||||||||||||||
35477 Datasheet(HTML) 4 Page - MENDA |
|
4 / 5 page ![]() 3651 Walnut Avenue, Chino, CA 91710 Phone: (909) 627-2453 • Web Site: MendaPump.com © 2016 DESCO INDUSTRIES INC. Employee Owned TB-4015 Page 4 of 5 3. Replace the main filter. Ensure the main filter is placed inside the alignment pins so that the interlock switch is depressed. 4. Replace the filter cover and ensure a proper fit to the bottom housing. Hook both latches into the filter cover and press down carefully to engage each latch to the base. 5. Reconnect power cord and turn system on. 6. If the unit does not operate, refer to the troubleshooting section. Caution To prevent overheating, units should not be operated with a blocked filter condition, or with dust obstruction of inlets or outlets. Model 35470 Filter replacement indication As fumes are filtered inside the unit, any particulate will be captured and over time will start to clog the filter. This clogging will result in a reduction of the airflow, which may reduce the amount of fumes extracted from the work area. Once the filter starts to become blocked an audible alarm will sound from the main unit. This is to signify that filter replacement is required. 35472, 35473 - HEPA/GAS Filters Only As fumes are filtered inside the unit, any particulate will be captured and over time will start to clog the filter. The coarse particles are collected in the pre-filter while fine particulate will be collected in the HEPA filter. This clogging will result in a reduction of the airflow, which may reduce the amount of fumes extracted from the work area. Once the filters starts to become blocked an audible alarm will sound from the main unit. This is to signify that filter replacement. When using a HEPA or Gas Filter initially replace the pre-filter (35471). If this does not silence the alarm then replace the main filter too. Pre-filters should be replaced approximately every 4 – 6 weeks depending on the application. We recommend that a stock of replacement filters be kept for optimal extraction performance and minimum down-time. MENDA part number 35471. Warning! Do not attempt to clean filters. Attempted cleaning can damage filters and cause potential risk to health and equipment. Note: MENDA recommends replacement of Main Filters annually as a minimum. Use only original replacement filters. Problem Possible Cause Check No air flow No Power Check On/Off switch Check power outlet Check power cord Check safety interlock switch Poor Air Leak Check hose/arm for leaks Performance Check hose/arm for proper installation Check hose/arm for partial clogging |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |