Electronic Components Datasheet Search
  English  ▼

X  

35477 Datasheet(PDF) 2 Page - MENDA

Part # 35477
Description  Series II Fume Extraction System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35477 Datasheet(HTML) 2 Page - MENDA

  35477 Datasheet HTML 1Page - MENDA 35477 Datasheet HTML 2Page - MENDA 35477 Datasheet HTML 3Page - MENDA 35477 Datasheet HTML 4Page - MENDA 35477 Datasheet HTML 5Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3651 Walnut Avenue, Chino, CA 91710
Phone: (909) 627-2453 • Web Site: MendaPump.com
© 2016 DESCO INDUSTRIES INC.
Employee Owned
TB-4015 Page 2 of 5
Installation
Extractor Installation Procedure
Remove Fume Extractor from the shipping carton and inspect for any damages. Make sure
you have access to the unit for filter maintenance.
Connect the power cord into the outlet on the side of the system. Plug the power cord into a
grounded wall socket.
Connect the arms/hose to the inlet on the base of the fume extractor.
To power up system, depress the power switch, located on the bottom right of the unit. The
operator can expect a delay of a few seconds before hearing the motor running. This is due to
the built-in motor “Soft-start” feature.
If utilized, connect the supplied remote Start/Stop switch to the system and site the switch
in a convenient position on the workbench. We recommend that this switch be used for your
convenience.
Position the extraction arms to optimize fume capture.
Follow maintenance procedures on next page.
Caution
To provide protection against the risk of electrical shock, connect to properly grounded outlets
only.
Features
• Efficient motor with “soft-start” feature
• Optional, remote Start/Stop switch
• Audible alarm to indicate blocked filters
• Low noise level <55 dba
• High suction force and airflow
• Compact and portable
• Standard Filter Efficiency at 95% (35474)
• Connects to 50mm (2") or 63mm(2.5") hoses or exhaust arms
• ESD safe housing
• Optional HEPA Filter Available (35472)
• Optional Gas Filter Available (35473)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com