Electronic Components Datasheet Search
  English  ▼

X  

SWPA Datasheet(PDF) 3 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA Datasheet(HTML) 3 Page - Shenzhen Sunlord Electronics Co., Ltd

  SWPA Datasheet HTML 1Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 2Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA252010S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±20%)
Min.
Self-resonant
Frequency
Saturation Current
Heat Rating
Current
-
-
Max.
Typ.
Min.
Max.
Typ.
Max.
Typ.
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA252010SR47NT
0.47±30%
0.056
0.047
206
2.50
3.35
2.35
2.56
SWPA252010SR56NT
0.56±30%
0.072
0.060
160
2.90
3.20
2.00
2.18
SWPA252010SR68NT
0.68±30%
0.074
0.062
129
2.20
2.75
2.00
2.18
SWPA252010S1R0NT
1.0±30%
0.108
0.090
100
1.85
2.20
1.65
1.80
SWPA252010S1R5NT
1.5±30%
0.182
0.152
81
1.80
2.10
1.30
1.42
SWPA252010S2R2NT
2.2±30%
0.209
0.174
61
1.20
1.60
1.20
1.31
SWPA252010S3R3MT
3.3±20%
0.328
0.273
47
1.05
1.30
0.90
0.98
SWPA252010S4R7MT
4.7±20%
0.563
0.469
42
0.95
1.15
0.70
0.76
SWPA252010S5R6MT
5.6±20%
0.563
0.469
35
0.80
0.95
0.73
0.80
SWPA252010S6R8MT
6.8±20%
0.896
0.747
31
0.78
0.92
0.59
0.64
SWPA252010S100MT
10±20%
1.092
0.910
27
0.65
0.78
0.50
0.55
SWPA252012S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation Current
Heat Rating
Current
-
-
Max.
Typ.
Min.
Max.
Typ.
Max.
Typ.
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA252012SR47NT
0.47±30%
0.061
0.047
160
3.82
4.27
2.15
2.34
SWPA252012SR68NT
0.68±30%
0.074
0.057
140
3.28
3.68
1.95
2.13
SWPA252012S1R0NT
1.0±30%
0.090
0.069
110
2.59
2.90
1.93
2.10
SWPA252012S1R2NT
1.2±30%
0.129
0.099
100
2.38
2.67
1.46
1.59
SWPA252012S1R5MT
1.5±20%
0.147
0.113
97
2.24
2.51
1.40
1.53
SWPA252012S2R2MT
2.2±20%
0.216
0.166
69
1.85
2.07
1.15
1.25
SWPA252012S2R7MT
2.7±20%
0.239
0.184
63
1.72
1.92
1.09
1.19
SWPA252012S3R3MT
3.3±20%
0.264
0.203
62
1.61
1.80
1.04
1.13
SWPA252012S3R6MT
3.6±20%
0.348
0.268
53
1.46
1.64
0.90
0.98
SWPA252012S4R3MT
4.3±20%
0.377
0.290
51
1.37
1.53
0.87
0.95
SWPA252012S4R7MT
4.7±20%
0.377
0.290
47
1.12
1.25
0.84
0.92
SWPA252012S5R1MT
5.1±20%
0.500
0.385
44
1.23
1.37
0.75
0.82
SWPA252012S5R6MT
5.6±20%
0.538
0.414
38
1.11
1.25
0.73
0.80
SWPA252012S6R2MT
6.2±20%
0.542
0.417
38
1.03
1.16
0.73
0.80
SWPA252012S6R8MT
6.8±20%
0.581
0.447
38
0.98
1.09
0.69
0.75
SWPA252012S7R5MT
7.5±20%
0.611
0.470
35
0.97
1.09
0.68
0.74
SWPA252012S8R2MT
8.2±20%
0.658
0.506
36
0.98
1.10
0.65
0.71
SWPA252012S9R1MT
9.1±20%
0.690
0.531
34
0.91
1.02
0.62
0.68
SWPA252012S100MT
10±20%
0.690
0.531
34
0.79
0.88
0.62
0.68
SWPA252012S120MT
12±20%
1.075
0.827
28
0.78
0.88
0.51
0.56
SWPA252012S150MT
15±20%
1.591
1.224
25
0.68
0.77
0.42
0.46
SWPA252012S220MT
22±20%
1.976
1.520
20
0.53
0.59
0.38
0.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com