Electronic Components Datasheet Search
  English  ▼

X  

SWPA Datasheet(PDF) 9 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA Datasheet(HTML) 9 Page - Shenzhen Sunlord Electronics Co., Ltd

Back Button SWPA Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 10Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 11Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 12Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 13Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA4030S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA4030S220MT
22±20%
0.225
10
1.30
1.00
SWPA4030S330MT
33±20%
0.330
10
1.10
0.84
SWPA4030S360MT
36±20%
0.335
9.8
1.05
0.83
SWPA4030S390MT
39±20%
0.435
10
1.03
0.73
SWPA4030S470MT
47±20%
0.445
8.4
0.95
0.72
SWPA4030S510MT
51±20%
0.470
8.4
0.90
0.70
SWPA4030S560MT
56±20%
0.555
8.4
0.85
0.65
SWPA4030S620MT
62±20%
0.585
7
0.80
0.63
SWPA4030S680MT
68±20%
0.868
7
0.72
0.52
SWPA4030S750MT
75±20%
1.020
6.3
0.70
0.48
SWPA4030S820MT
82±20%
1.060
5.6
0.66
0.47
SWPA4030S910MT
91±20%
1.100
5.6
0.65
0.46
SWPA4030S101MT
100±20%
1.150
5.6
0.60
0.45
SWPA4030S121MT
120±20%
1.350
5.4
0.55
0.42
SWPA4030S151MT
150±20%
1.800
4
0.50
0.30
SWPA4030S471KT
470±10%
7.200
2
0.30
0.20
SWPA4030S501MT
500±20%
6.944
2
0.28
0.15
SWPA4030S681MT
680±20%
7.580
1.2
0.19
0.14
SWPA5012S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA5012S1R0NT
1.0±30%
0.057
103
4.40
2.00
SWPA5012S1R5NT
1.5±30%
0.072
68
3.70
1.90
SWPA5012S2R2NT
2.2±30%
0.090
50
3.10
1.70
SWPA5012S3R3NT
3.3±30%
0.126
34
2.40
1.40
SWPA5012S4R7NT
4.7±30%
0.164
31
2.20
1.30
SWPA5012S6R8MT
6.8±20%
0.245
22
1.70
1.00
SWPA5012S100MT
10±20%
0.344
17
1.40
0.85
SWPA5012S150MT
15±20%
0.436
13
1.20
0.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com