Electronic Components Datasheet Search
  English  ▼

X  

SWPA Datasheet(PDF) 5 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA Datasheet(HTML) 5 Page - Shenzhen Sunlord Electronics Co., Ltd

  SWPA Datasheet HTML 1Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 2Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA3012S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA3012S390MT
39±20%
1.330
18
0.30
0.37
SWPA3012S470MT
47±20%
1.450
14
0.27
0.35
SWPA3012S680MT
68±20%
1.670
12
0.24
0.33
SWPA3012S820MT
82±20%
2.540
12
0.17
0.27
SWPA3012S101MT
100±20%
2.860
12
0.21
0.25
SWPA3015S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA3015S1R0NT
1.0±30%
0.030
150
2.32
2.35
SWPA3015S1R2NT
1.2±30%
0.040
110
2.21
1.95
SWPA3015S1R5NT
1.5±30%
0.050
100
2.30
1.70
SWPA3015S1R8NT
1.8±30%
0.050
92
1.75
1.70
SWPA3015S2R2NT
2.2±30%
0.060
86
1.60
1.60
SWPA3015S2R7NT
2.7±30%
0.075
64
1.52
1.43
SWPA3015S3R3MT
3.3±20%
0.080
68
1.32
1.36
SWPA3015S3R6MT
3.6±20%
0.105
59
1.28
1.20
SWPA3015S4R3MT
4.3±20%
0.115
53
1.20
1.14
SWPA3015S4R7MT
4.7±20%
0.125
46
1.10
1.09
SWPA3015S5R1MT
5.1±20%
0.133
49
1.00
1.05
SWPA3015S6R2MT
6.2±20%
0.195
46
1.00
0.86
SWPA3015S6R8MT
6.8±20%
0.200
39
0.85
0.85
SWPA3015S100MT
10±20%
0.250
41
0.72
0.77
SWPA3015S120MT
12±20%
0.320
32
0.70
0.68
SWPA3015S150MT
15±20%
0.350
30
0.66
0.65
SWPA3015S180MT
18±20%
0.430
23
0.56
0.59
SWPA3015S220MT
22±20%
0.460
23
0.52
0.57
SWPA3015S270MT
27±20%
0.730
22
0.48
0.45
SWPA3015S330MT
33±20%
0.820
20
0.44
0.43
SWPA3015S390MT
39±20%
0.995
14
0.41
0.39
SWPA3015S430MT
43±20%
1.060
16
0.37
0.37
SWPA3015S470MT
47±20%
1.250
14
0.35
0.35
SWPA3015S560MT
56±20%
1.280
13
0.33
0.34
SWPA3015S620MT
62±20%
1.610
13
0.30
0.30
SWPA3015S680MT
68±20%
2.700
11
0.28
0.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com