Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS85 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMKDB1120FS85
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMKDB1120FS85 Datasheet HTML 17Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 18Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 19Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 20Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 21Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 22Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 23Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 24Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
Table 5-6. LMKDB1102 Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
^OE2#
12
I
Active low input to control CLK2. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
LOS#
13
O
Loss of Input Clock Signal Active Low/No Connect. Open drain. Requires external pullup
resistor.
Low = Invalid input clock.
High = Valid input clock.
vZOUT_SEL
11
I
LP-HCSL differential clock output impedance select. Internal pulldown resistor.
Low = 85Ω.
High = 100Ω.
NC
4, 5
NC
No connect.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power, NC = No Connect
(2)
Pins with a "^" prefix have an internal pullup resistor. Pins with a "v" prefix have an internal pulldown resistor. Pins with a "^v" have an
internal pullup resistor and an internal pulldown resistor so that mid level is selected when the pin is left floating.
(3)
The "#" symbol indicates active low.
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com