Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS85 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMKDB1120FS85
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMKDB1120FS85 Datasheet HTML 4Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 5Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 6Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 7Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 8Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 9Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 10Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 11Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 133 page
background image
1
LOS#
42
^/vOE8#/SBI_CLK
2
^SLEWRATE_SEL
41
VDDCLK
3
^vSADR1_tri
40
CLK8_N
4
^vSADR0_tri
39
CLK8_P
5
SMB_DATA
38
CLK7_N
6
SMB_CLK
37
CLK7_P
7
VDDA
36
^OE7#
8
CLKIN_P
35
CLK6_N
9
CLKIN_N
34
CLK6_P
10
^OE0#
33
^OE6#
11
VDDCLK
32
CLK5_N
12
CLK0_P
31
CLK5_P
13
CLK0_N
30
VDDCLK
14
vSBI_EN
29
^/vOE5#/SBI_IN
Not to scale
Thermal Pad (GND)
Figure 5-2. LMKDB1113 7mm × 7mm VQFN Package 56 Pin Top View
Legend
CLOCK INPUTS
CLOCK OUTPUTS
POWER
GND
LOGIC CONTROLS / STATUS
NO CONNECT
Table 5-2. LMKDB1113 Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
CLOCK INPUTS
CLKIN_P
8
I
Differential clock input.
CLKIN_N
9
I
CLOCK OUTPUTS
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com