Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS85 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMKDB1120FS85
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMKDB1120FS85 Datasheet HTML 9Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 10Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 11Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 12Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 13Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 14Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 15Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 16Page - Texas Instruments LMKDB1120FS85 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
Table 5-3. LMKDB1112 Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
^/vOE4#/SBI_CLK
A10
I
Active low input to control CLK4 or SBI clock input pin. SBI_EN pin controls function of this
pin.
OE mode with internal pullup: 0 = Active output, 1 = Inactive output.
Side-Band Mode with internal pulldown: SBI clock input.
^OE5#
E9
I
Active low input to control CLK5. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^OE6#
G9
I
Active low input to control CLK6. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^/vOE7#/SBI_IN
K10
I
Active low input to control CLK7 or SBI data input pin. SBI_EN pin controls function of this
pin.
OE mode with internal pullup: 0 = Active output, 1 = Inactive output.
Side-Band Mode with internal pulldown: SBI data input.
^OE8#
J8
I
Active low input to control CLK8. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^OE9#
J6
I
Active low input to control CLK9. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^OE10#/SHFT_LD#
J4
I
Active low input to control CLK10 or SBI active low shift register load pin. SBI_EN pin
controls function of this pin. OE mode with internal pullup: 0 = Active output, 1 = Inactive
output.
Side-Band Mode with internal pulldown: SBI latch register input.
^OE11#
G1
I
Active low input to control CLK11. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^PWRGD/PWRDN#
K2
I
Power Good/Power Down Active Low. Multifunctional input pin. Internal pullup resistor.
On the first low-to-high transition, functions as Power Good pin which starts up the device
On the subsequent low/high transitions, functions as Power Down Active Low pin which
controls the device to enter or exit power-down mode.
Low = power-down mode
High = normal operation mode
vSBI_EN
K1
I
SBI Enable. Internal pulldown resistor. Do not change the state of this pin after power-up.
Low at power-up = SBI interface disabled. Pin L8, L10 and E11 function as OE pins. High
at power-up = SBI interface enabled.
Pin L8, L10 and E11 function as SBI interface pins. SMBus and other OE pins remain
functional.
^vSADR1_tri
B1
I
SMBus Address 3-level input pin. Internal pullup and pulldown resistors.
^vSADR0_tri
C1
I
SMBus Address 3-level input pin. Internal pullup and pulldown resistors.
^SLEWRATE_SEL
C2
I
LP-HCSL differential clock output slew rate select pin. Internal pullup resistor.
Low = Slow slew rate.
High = Fast slew rate.
LOS#
A1
O
Loss of Input Clock Signal Active Low. Open drain. Requires external pullup resistor.
Low = Invalid input clock.
High = Valid input clock.
SMB_DATA
D2
I/O
SMBus Data. Requires external pullup resistor. No connect if unused.
SMB_CLK
D1
I
SMBus Clock. Requires external pullup resistor. No connect if unused.
NC
B2, B6, B9,
D9, E2, F9,
G2, J2, J5, J7,
J9, K3
NC
No connect.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power, NC = No Connect
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com