Electronic Components Datasheet Search
  English  ▼

X  

FC6000 Datasheet(PDF) 6 Page - TOKYO KEISO CO.,LTD.

Part # FC6000
Description  FC6000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FC6000 Datasheet(HTML) 6 Page - TOKYO KEISO CO.,LTD.

  FC6000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TG-F1170-E00
FC6000 Series Flow Control System
6
TOKYO KEISO CO., LTD.
FCA6000
(
:
)
Controller terminal diagram
Wiring
CN
No.
Polarity
Description
CN
No.
Polarity
Description
1
Motor drive connecter
3
Power connecter
1
FG
Motor ground
1
+24 V
Power
2
Green
Motor A phase +
2
0 V
3
Black
Motor A phase –
3
FG
Frame ground
4
White
Motor B phase +
4
Alarm output connector
5
Red
Motor B phase –
1
+
Scaled pulse output
2
Controller connector
2
–
1+
Control start/stop input *
3+
Flow rate alarm 1
2–
4–
3+
Valve abnormal alarm output
5+
Flow rate alarm 2
4–
6–
5+
Reset signal input for the
totalizer **
5
Serial communication connector
6–
1
For maintenance use
7+
Flow output
2
8–
3
9+
Target flow input
SMB connector
10
–
IN
Sensor I/O signal on the upstream
OUT
Sensor I/O signal on the downstream
*Control start/stop input
CN2 1, 2
Close: Controlling
Open: Stop
** Reset signal input for the totalizer
CN2 5, 6
Close: Reset (one shot)
Open: Totalizing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com