Electronic Components Datasheet Search
  English  ▼

X  

FC6000 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # FC6000
Description  FC6000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FC6000 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  FC6000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TG-F1170-E00
Jan 2020
1st edition
K
Controller with an Ultrasonic Flow Converter
for Compact System Design
FC6000 Series
Flow Control System
OUTLINE
The
FC6000 series is a separate-type flow controller system
which enables a compact system design.
It consists of control valve, flow detector, and flow controller.
The FCA6000 series flow rate controller integrates highly
accurate ultrasonic flowmeter.
• Control valve: FCV series
• Flow detector: UCUF series
• Flow rate controller: FCA6000 series
The
FC6000 series can control a wide range of flow rates with
an extensive lineup of flow rate detectors and control valves.
Also, higher safety and greater freedom in layout can be
realized by separating the measurement and control part from
the process fluid part, such as the flow detector and the control
valve.
The reliable FC6000 series is best suited for handling chemical
liquids such as in semiconductor processes which require
highly accurate flow rate control.
FEATURES
❏ Improved bubble resistance and flow measurement
The conventional ultrasonic flowmeters used to have
difficulties in measuring fluids containing bubbles because
the bubbles disturb the propagation of ultrasound waves.
The FCA6000 series uses our unique, proven signal
processing technology, which makes it possible to measure
the flow even when the bubbles contain.
Furthermore, by detecting and removing abnormal outputs
based on our extensive field experience, bubble resistance
has been greatly improved, as well as measurement stability
of the flowmeter.
❏ Enhanced safety and freedom in layout
The flow detector and the control valve in the process
fluid part are separated from the measurement and
control part, ensuring enhanced protection against liquid
leakage as well as greater freedom in layout.
❏ Support for a wide flow range
The FCA6000 series covers a wide range of flow rate, from a
minimum of 2.5 to 25 mL/min up to 1 to 10 L/min.
❏ Low power consumption
The FCA6000 series consumes less current than existing
converters.
❏ CE marking
Complies with EU EMC, RoHS2, and low voltage requirements
(EMC standards: EN61326-1:2013, EN61326-2-3:2013)
❏ High corrosion resistance
The UCUF series uses highly corrosion resistant PFA and
PTFE for the wetted parts and can be used to handle
chemical liquids in the semiconductor and other industries.
MAIN APPLICATIONS
❏ Flow rate setting for chemical liquids and DIW
By installing the FCA6000 series in the supply line for various
chemical liquids, which was previously controlled by a
metering pump or pressure feed tank, high accurate and
stable supply control is possible.
❏ Concentration control
The control units installed in chemical liquid and pure water
lines enable stable concentration management when diluting
the chemical liquids with pur e water to keep the
concentration at a certain level.
❏ Flow control of branch lines
The control units installed in each line branched from the
main line enable a stable flow rate to be maintained without
mutual interference between the lines.


Similar Part No. - FC6000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC601 SANYO-FC601 Datasheet
83Kb / 4P
DC-DC Converter Applications
logo
Positronic.
FC6018D2 POSITRONIC-FC6018D2 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC6020D2 POSITRONIC-FC6020D2 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC6026D2 POSITRONIC-FC6026D2 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC6026D2AL POSITRONIC-FC6026D2AL Datasheet
4Mb / 86P
Positronic Provides Complete Capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com