Electronic Components Datasheet Search
  English  ▼

X  

FC6000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # FC6000
Description  FC6000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FC6000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  FC6000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FC6000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TG-F1170-E00
FC6000 Series Flow Control System
2
TOKYO KEISO CO., LTD.
SPECIFICATIONS
Control Valve
Model
FCV-1000S
FCV-3000
FCV-3000T
Actuator
High resolution stepping motor
Coupling cable
Multi-core cable, PVC cover, 5 m (standard)
Wetted part material
PTFE, PFA
End connection
(tube OD size)
φ3/8”, φ1/2”
φ1/4”
φ4mm
Controllable differential
pressure
0.05 to 0.2 MPa
Maximum operating
pressure
0.3 MPa
Fluid temperature
5 to 50°C
10 to 50°C
Ambient temperature
5 to 50°C
10 to 50°C
Ultrasonic Flowmeter (Detector)
Model
UCUF-
04K
06K
10K
04E
06E
04M
06M
Nominal size
4 mm
6 mm
10 mm
4 mm
6 mm
4 mm
6 mm
Wetted part
material
New PFA
PFA
End connection
(tube OD size)
φ3/8”
φ1/2”
φ3/8”
φ1/4”
φ3/8”
Coupling cable
Coaxial cable
×2, PVC cover, 5 m (standard)
Construction
Jet-proof (IP65)
Ambient
temperature
Fluid temperature: 10 to 60°C
Fluid temperature
: 10 to 90°C
Accuracy
Velocity 1m/s or larger:
±1% of the reading
Velocity less than 1m/s: less than
±0.01 m/s
Note: The accuracy of UCUF-04K/C with full scale less than 50 mL/min is
±2 mL/min
Controller
Model
FCA6100
FCA6200
FCA6300
Power supply
24 V DC
±10%
Consumption
current
200 mA
At starting time: 1A
Flow rate
signal
4-20 mA DC
(load resistance :
0 to 500
Ω)
0–10 V DC
(output Impedance :
500
Ω)
4-20 mA DC
(load resistance :
0 to 500
Ω)
Flow rate alarm
Open collector output (rated value: 30 V DC, 50 mA)
Action mode
Logic: A (NO)/B (NC) set at the factory
Pulse output
Open collector output (rated value: 30 V DC, 50 mA)
Pulse width: 0.5 ms, 50 ms, 100 ms
Flow set point
1–5 V DC
0–10 V DC
4‒20 mA DC
Control start/
stop
Relay contact (on: start, off: stop)
Totalizer reset
Relay contact (one shot)
Sensor
Exclusive cable (SMB connecter)
Display
2 lines, 16 alphanumeric letters LCD with a backlight
Alarm: red (LED), status: green (LED)
Construction/
Installation
Indoor use (IP 20 equivalent), panel mount
Wiring
Power supply line, grounding line, signal lines,
sensor cable (
×2), valve cable
Connector
Divided-type tension spring connection, 5P, 10P, 3P, 6P
Housing material
and color
ABS, black
Ambient
temperature
0 to 50°C (except LCD)
Control accuracy
Flow rate
> 30%FS: ±3% of the target value, flow rate ≤ 30%FS
: 5% of the target value, response time within 3 seconds
Conversion Cable
Model
Specification
CONC-76-301
SMB connector with a lock between the SMB connector (plug)
CONC-56-151
BNC connector (jack) between the SMB connector (plug)
MODEL CODE
FC6
□□□ – □□ □ – □□ □ □ /
□
Specification
Remarks
1
4-20 mA/1-5 V
FCA6100
2
0-10 V/0-10 V
FCA6200
3
4-20 mA/
4-20 mA
FCA6300
✽
Others
Valve
model
0
FCV-3000
7 types,
2.5 mL/min up to
2 L/min
1
FCV-1000S
6 types,
200 mL/min up to
10 L/min
2
FCV-3000T
Pinch tube, 50 to
500 mL/min only
3
FCV-3000D
Double seal
(chemical
resistant)
✽
Others
0
Standard
✽
Others
Flow range
–
00
2.5 to 25 mL/min
FCV-3000
01
5 to 50 mL/min
FCV-3100
02
10 to 100 mL/min
FCV-3200
03
20 to 200 mL/min
FCV-3300
04
50 to 500 mL/min
FCV-3400/
3000T
05
100 to 1000
mL/min
FCV-3500
06
200 to 2000
mL/min
FCV-3600/
1100S
07
300 to 3000
mL/min
FCV-1200S
08
400 to 4000
mL/min
FCV-1300S
09
600 to 6000
mL/min
FCV-1400S
10
800 to 8000
mL/min
FCV-1500S
11
1 to 10 L/min
FCV-1600S
✽
Others
Valve connection size
(OD)
1
φ4 tube
connection
FCV-3000T
2
1/4 tube
connection
FCV-3000 Series
3
3/8 tube
connection
FCV-1000S
(Less than
4 L/min)
4
1/2 tube
connection
FCV-1000S only
(6 L/min or
larger)
✽
Others
Flowmeter model
–
4M
UCUF-04M
MAX. 2 L/min
4K
UCUF-04K
MAX. 3 L/min
4E
UCUF-04E
6M
UCUF-06M
MAX. 8 L/min
6K
UCUF-06K
6E
UCUF-06E
10K
UCUF-10K
MAX. 10 L/min
✽
Others
Flowmeter shape (1) (tube
direction)
U
U shape
Standard
Z
Z shape
✽
Others
Flowmeter shape (2) (cable
direction)
N
Standard
The same
direction with the
tube
W
Opposite side
UCUF-04M only
Special specification (2)
/
Blank
Standard
✽
Others
✽
The code will be named according to the specification.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com