Electronic Components Datasheet Search
  English  ▼

X  

CSB20B Datasheet(PDF) 10 Page - Clarke International

Part # CSB20B
Description  SHOT BLAST CABINET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSB20B Datasheet(HTML) 10 Page - Clarke International

Back Button CSB20B Datasheet HTML 4Page - Clarke International CSB20B Datasheet HTML 5Page - Clarke International CSB20B Datasheet HTML 6Page - Clarke International CSB20B Datasheet HTML 7Page - Clarke International CSB20B Datasheet HTML 8Page - Clarke International CSB20B Datasheet HTML 9Page - Clarke International CSB20B Datasheet HTML 10Page - Clarke International CSB20B Datasheet HTML 11Page - Clarke International CSB20B Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PARTS LIST
PART NO DESCRIPTION
PART NO DESCRIPTION
1
Steel Screen
19
Feet
2
LED Light Tube
20
Cabinet only (no lid)
3
Input Cable Assembly
21
Air Adaptor Nut
4
Knob
22
Lid Retaining Chain
5
Filter
23
Abrasive Pick-up Tube
6
Retaining Disc
24
Abrasive Intake Hose
7
Lid
25
Large Hose Clamp
8
Window Retaining Strip
26
Nozzle Adaptor Nut
9
Protective Film
27
Nozzle (4mm)
10
Air Vent
28
Gun Assembly
11
Foam Filter
29
Air Hose Adaptor
12
Plug Adaptor
30
Small Hose Clamp
13
Cable Transformer Box
31
Air Hose
14
Switch
32
Flat Washer
15
Rubber Gloves (pair)
33
Screw M6 x15
16
Clamp
34
Flat Washer
17
Cable Clamp
35
Steel Screw Bracket
18
Lid Swivel Clamp
36
Lamp Mains Adaptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com