Electronic Components Datasheet Search
  English  ▼

X  

CSB20B Datasheet(PDF) 3 Page - Clarke International

Part # CSB20B
Description  SHOT BLAST CABINET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSB20B Datasheet(HTML) 3 Page - Clarke International

  CSB20B Datasheet HTML 1Page - Clarke International CSB20B Datasheet HTML 2Page - Clarke International CSB20B Datasheet HTML 3Page - Clarke International CSB20B Datasheet HTML 4Page - Clarke International CSB20B Datasheet HTML 5Page - Clarke International CSB20B Datasheet HTML 6Page - Clarke International CSB20B Datasheet HTML 7Page - Clarke International CSB20B Datasheet HTML 8Page - Clarke International CSB20B Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INVENTORY
Remove all components from the carton and check them against the
following list.
A - Foam Vent Filter
B - Air Vent Cover
C - 9 x Spare protective film
D - Ceramic Nozzles 4, 5, 6 & 7mm (one nozzle is fitted)
E - PTFE tape
F - Gun c/w air and pickup hoses
G - 12V transformer & cable
ASSEMBLY
The unit is shipped fully assembled, except for the air vent filter and the gun
with attached hoses. These should be connected as follows:
First, remove the grid and all the
various loose components from within
the cabinet.
The end of the air inlet hose,
connected to the gun, is inserted
through the 16mm dia. hole in the
cabinet from the inside, as shown in
Fig 2. Ensure a flat washer is threaded
on to the adapter as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com