Electronic Components Datasheet Search
  English  ▼

X  

CSB20B Datasheet(PDF) 2 Page - Clarke International

Part # CSB20B
Description  SHOT BLAST CABINET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSB20B Datasheet(HTML) 2 Page - Clarke International

  CSB20B Datasheet HTML 1Page - Clarke International CSB20B Datasheet HTML 2Page - Clarke International CSB20B Datasheet HTML 3Page - Clarke International CSB20B Datasheet HTML 4Page - Clarke International CSB20B Datasheet HTML 5Page - Clarke International CSB20B Datasheet HTML 6Page - Clarke International CSB20B Datasheet HTML 7Page - Clarke International CSB20B Datasheet HTML 8Page - Clarke International CSB20B Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Shot Blast Cabinet which is designed for
professional workshop use.
Before attempting to operate the cabinet, please read this manual
thoroughly and carefully follow all instructions given. In doing so you will ensure
the safety of yourself and that of others around you, and you can also look
forward to the product giving you long and satisfactory service.
Carefully unpack the unit, and check against the list on page 3 to ensure that
no damage was caused in transit. Should any damage be apparent, please
contact your Clarke dealer immediately.
FEATURES
The 3 cu/ ft cabinet is lit by a low voltage (12 volt, 4 watt) 500 Lumens LED light,
fed from a plug-in type transformer. The switch-box is mounted on the left side
of the cabinet. The transformer should be plugged directly into the mains
supply and connected to the switchbox which contains an ON/OFF rocker
switch.
Air is extracted via a double filtration system at the right hand side of the
cabinet.
Please note that when vacuum extraction is used, air will be drawn into the
cabinet through the hole on the back panel of the unit. The hole is covered on
the outside with a filter plate and housed within the plate is a foam filter, which
must always be in place. This is to prevent grit from being blown out, when
vacuum extraction is NOT used.
The lid is provided with a double clear plastic window, the inner of which may
be renewed quickly and easily if it should become damaged by the media
blasting action.
A variety of abrasive nozzles is supplied with the unit to produce a useful range
of power and grit densities to satisfy all requirements. The cabinet is designed
for use with dry abrasives ONLY. We recommend Aluminium Oxide (for
cleaning steel) and Glass Beads (for cleaning aluminium).
It is necessary to provide a clean, dry air supply, capable of delivering a
minimum of 10 cuft/min at a maximum 100psi. Please consult your air
compressor manual, ensuring you comply with all safety precautions for the
use of air compressors and observe all necessary precautions when using
compressed air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com