Electronic Components Datasheet Search
  English  ▼

X  

CSG1C Datasheet(PDF) 7 Page - Clarke International

Part # CSG1C
Description  AIR STAPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSG1C Datasheet(HTML) 7 Page - Clarke International

Back Button CSG1C Datasheet HTML 3Page - Clarke International CSG1C Datasheet HTML 4Page - Clarke International CSG1C Datasheet HTML 5Page - Clarke International CSG1C Datasheet HTML 6Page - Clarke International CSG1C Datasheet HTML 7Page - Clarke International CSG1C Datasheet HTML 8Page - Clarke International CSG1C Datasheet HTML 9Page - Clarke International CSG1C Datasheet HTML 10Page - Clarke International CSG1C Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• Never exceed the maximum operating pressure for the tool. It is
recommended that air pressure to this tool does not exceed 90 psi
at the tool when running. Higher pressures and unclean air will
shorten the life of the tool due to faster wear and is a possible safety
hazard.
• Tools of this type operate on a wide range of air pressures. It is
recommended that air pressure be set to between 60 and 100psi. at
the tool when running.
• The air inlet used for connecting air supply is a 10mm quick-fit type.
• If required, connect an in-line mini oiler to the tool. A mini oiler helps
to prolong the life of the air tool.
• If a mini-oiler is not being used, run a few drops of oil through the tool
before use. It can be entered through the air inlet.
• Connect a suitable hose to the female air inlet.
• Connect the other end of the hose to the air supply.
• Turn on the air supply and check for air leaks. Rectify any found
before proceeding.
Your air tool is now ready for use.
You can fit a whip hose with a quick fit coupling if required (available from
your Clarke dealer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com