Electronic Components Datasheet Search
  English  ▼

X  

CSG1C Datasheet(PDF) 3 Page - Clarke International

Part # CSG1C
Description  AIR STAPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSG1C Datasheet(HTML) 3 Page - Clarke International

  CSG1C Datasheet HTML 1Page - Clarke International CSG1C Datasheet HTML 2Page - Clarke International CSG1C Datasheet HTML 3Page - Clarke International CSG1C Datasheet HTML 4Page - Clarke International CSG1C Datasheet HTML 5Page - Clarke International CSG1C Datasheet HTML 6Page - Clarke International CSG1C Datasheet HTML 7Page - Clarke International CSG1C Datasheet HTML 8Page - Clarke International CSG1C Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATION
Please note that the details and specifications contained herein are correct
at the time of going to print. However CLARKE International reserve the right to
change specifications at any time without prior notice.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
Model Numbers
CSG1-C
Staple Sizes
22 gauge/ 4-16mm (9mm crown)
Magazine Capacity
180
Drive Speed
120 shots/min
Min. Hose Size (ID)
6 mm (1/4”)
Operating Pressure
4.1 - 6.9 bar (60-100psi)
Air Consumption
0.27 cfm
Air Inlet Size
10mm Quick Fit
Dimensions (L x W x H)
219 x 46 x 146 mm
Sound Power Level (LwA dB)
91 dB(A)-1pW (K factor 2.5dB(A)
Vibration Levels
Less than 2.5 m/s2
Weight
0.85 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com