Electronic Components Datasheet Search
  English  ▼

X  

CSG1C Datasheet(PDF) 9 Page - Clarke International

Part # CSG1C
Description  AIR STAPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSG1C Datasheet(HTML) 9 Page - Clarke International

Back Button CSG1C Datasheet HTML 5Page - Clarke International CSG1C Datasheet HTML 6Page - Clarke International CSG1C Datasheet HTML 7Page - Clarke International CSG1C Datasheet HTML 8Page - Clarke International CSG1C Datasheet HTML 9Page - Clarke International CSG1C Datasheet HTML 10Page - Clarke International CSG1C Datasheet HTML 11Page - Clarke International CSG1C Datasheet HTML 12Page - Clarke International CSG1C Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
DISCONNECTING THE AIR SUPPLY
Do not disconnect the air supply hose until the air supply has been shut down
and the compressed air released.
1. Refer to the compressor instruction manual for the procedure to shut down
and release the compressed air.
2. Once the pressure has been released, disconnect the air supply hose from
the air tool.
MAINTENANCE
DAILY
1. Before use, drain water from the compressed air supply.
2. Check and clean, if fitted, the air inlet gauze filter.
3. A bottle of CLARKE Airline Oil** is supplied with the stapler. Squirt a few
drops of oil approx. 3cc), into the air inlet.
4. This should be carried out regardless of whether or not an air line lubricator
is used.
5. Use a clean dry cloth or brush to keep the stapler/nailer clean and free of
dirt. Do not use solvent or alcohol based cleaners as they could damage
the casing.
6. The use of parts other than CLARKE replacement parts may result in safely
hazards, decreased tool performance and will invalidate your warranty.
DURING USE
For lubricating the internal components when in operation, an air line
lubricator should be used, with Clarke Airline Oil**, adjusted to 2 drops per
minute.
If an air line lubricator is NOT used, this procedure should be repeated after
every two to three hours of use.
STORAGE
If the stapler is to be stored, or is idle for longer than 24 hours, run a few drops
of Clarke Airline Oil** into the air inlet before storing.
WARNING: MAKE SURE THAT THE STAPLER IS DISCONNECTED FROM THE
AIR SUPPLY BEFORE STARTING ANY CLEANING OR MAINTENANCE
PROCEDURES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com