Electronic Components Datasheet Search
  English  ▼

X  

CL20 Datasheet(PDF) 4 Page - Clarke International

Part # CL20
Description  20” PLATE AXIAL EXHAUST FAN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CL20 Datasheet(HTML) 4 Page - Clarke International

  CL20 Datasheet HTML 1Page - Clarke International CL20 Datasheet HTML 2Page - Clarke International CL20 Datasheet HTML 3Page - Clarke International CL20 Datasheet HTML 4Page - Clarke International CL20 Datasheet HTML 5Page - Clarke International CL20 Datasheet HTML 6Page - Clarke International CL20 Datasheet HTML 7Page - Clarke International CL20 Datasheet HTML 8Page - Clarke International CL20 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
Before switching the product on, make sure that the voltage of your electricity supply
is the same as that indicated on the rating plate. This product is designed to operate
on 230VAC 50Hz. Connecting it to any other power source may cause damage.
This product can be used with either a standard plug or a fused connection unit
(FCU). If it is necessary to change the fuse in the plug or FCU, the fuse cover must be
refitted. If the fuse cover becomes lost or damaged, the plug or FCU must not be
used until a suitable replacement is obtained.
If the plug has to be changed because it is not suitable for your socket, or due to
damage, a replacement should be fitted, following the wiring instructions shown on
page 5. The old plug must be disposed of safely, as insertion into a mains socket
could cause an electrical hazard.
If the colours of the wires in the power cable of this product do not correspond with
the markings on the terminals of your plug or spur, proceed as follows.
• The Blue wire must be connected to the terminal which is marked N or
coloured Black.
• The Brown wire must be connected to the terminal which is marked L or
coloured Red.
• The Yellow and Green wire must be connected to the terminal which is
marked E,
or coloured Green.
WARNING: READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO THE
MAINS SUPPLY.
Fused Connection Unit (FCU) must be
Always fit a
Neutral
(Blue)
Earth
(Green and Yellow)
Live
(Brown)
Ensure that the outer sheath of the cable is firmly held by the clamp
13 Amp fuse.
BS1363/4 approved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com