Electronic Components Datasheet Search
  English  ▼

X  

CL20 Datasheet(PDF) 5 Page - Clarke International

Part # CL20
Description  20” PLATE AXIAL EXHAUST FAN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CL20 Datasheet(HTML) 5 Page - Clarke International

  CL20 Datasheet HTML 1Page - Clarke International CL20 Datasheet HTML 2Page - Clarke International CL20 Datasheet HTML 3Page - Clarke International CL20 Datasheet HTML 4Page - Clarke International CL20 Datasheet HTML 5Page - Clarke International CL20 Datasheet HTML 6Page - Clarke International CL20 Datasheet HTML 7Page - Clarke International CL20 Datasheet HTML 8Page - Clarke International CL20 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
If in any doubt, consult a qualified electrician.
INSTALLATION
1. Before installation, ensure that the impeller has not been damaged or distorted
during transit.
2. Check that the impeller rotates freely and is secured tightly to the shaft. If the tip
clearance of the blades is not sufficient slacken the motor bolts and re-align.
3. Mount the fan securely using 4 bolt/screw holes provided in the outer casing.
Using the other 4 bolt holes and appropriate length bolts, the fan can be aligned
and secured with the corresponding sized external louvre vent (see below).
4. Ensure that the installation is free from any vibration which could damage the
impeller or motor bearings.
5. Ensure that when installed the impeller side of the fan cannot be touched.
6. For safety and security a Louvre shutter/vent should be installed on the external
wall. These can be purchased from your local CLARKE retailer.
7. Refer to the section on electrical connection on pages 4-5 for guidance on wiring.
If in any doubt, consult a qualified electrician.
MODEL NO.
DESCRIPTION
PART NO.
CL12
12” Louvre Vent
3230494
CL16
16” Louvre Vent
3230495
CL20
20” Louvre Vent
3230496
CL24
24” Louvre Vent
3230497
Plug must be BS1363/A approved.
Always fit a 13 Amp fuse.
Ensure that the outer sheath of the cable is firmly held by the clamp
Neutral
(Blue)
Live
(Brown)
Earth
(Green and Yellow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com