Electronic Components Datasheet Search
  English  ▼

X  

CL20 Datasheet(PDF) 9 Page - Clarke International

Part # CL20
Description  20” PLATE AXIAL EXHAUST FAN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CL20 Datasheet(HTML) 9 Page - Clarke International

Back Button CL20 Datasheet HTML 4Page - Clarke International CL20 Datasheet HTML 5Page - Clarke International CL20 Datasheet HTML 6Page - Clarke International CL20 Datasheet HTML 7Page - Clarke International CL20 Datasheet HTML 8Page - Clarke International CL20 Datasheet HTML 9Page - Clarke International CL20 Datasheet HTML 10Page - Clarke International CL20 Datasheet HTML 11Page - Clarke International CL20 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TECHNICAL SPECIFICATIONS
Model
CAF20
Impeller Size
500mm (20”)
Voltage/Frequency
230 Volts/50 Hz
Power Cable
3 Core x 1.0mm2 x 1.5m
Electrical Insulation Class
Class I
Speed
1400 rpm
Power Input
280 Watts
Rated Input Ampage
1.2A
Service Value
0.39m3/min/W
Standby Power Consumption
N/A
Fan Sound Power Level
65dB (A)
Airflow at Optimum Energy Efficiency
110m3/min
Static Pressure at Optimum Efficiency
100pa
Operating Temperature
-15°C ~ 40°C (5°F ~ 104°F)
Weight
14.5 kg
IP Rating
IP54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com