Electronic Components Datasheet Search
  English  ▼

X  

CA3140AMZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # CA3140AMZ
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140AMZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button CA3140AMZ Datasheet HTML 9Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 10Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 11Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 12Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 13Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 14Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 15Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 16Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.01
Page 13 of 21
Feb 19, 2026
This circuit can be adjusted most easily with a distortion analyzer,
but a good first approximation can be made by comparing the
output signal with that of a sine wave generator. The initial slope is
adjusted with the potentiometer R1, followed by an adjustment of
R2. The final slope is established by adjusting R3, thereby adding
additional segments that are contributed by these diodes.
Because there is some interaction among these controls,
repetition of the adjustment procedure may be necessary.
SWEEPING GENERATOR
Figure 13 shows a sweeping generator. Three CA3140s are used
in this circuit. One CA3140 is used as an integrator, a second
device is used as a hysteresis switch that determines the starting
and stopping points of the sweep. A third CA3140 is used as a
logarithmic shaping network for the log function. Rates and
slopes, as well as sawtooth, triangle, and logarithmic sweeps are
generated by this circuit.
WIDEBAND OUTPUT AMPLIFIER
Figure 14 shows a high slew rate, wideband amplifier suitable for
use as a 50
 transmission line driver. This circuit, when used in
conjunction with the function generator and sine wave shaper
circuits shown in Figures 10 and 12 provides 18VP-P output open
circuited, or 9VP-P output when terminated in 50. The slew rate
required of this amplifier is 28V/
s (18VP-P x  x 0.5MHz).
POWER SUPPLIES
High input impedance, common mode capability down to the
negative supply and high output drive current capability are key
factors in the design of wide range output voltage supplies that
use a single input voltage to provide a regulated output voltage
that can be adjusted from essentially 0V to 24V.
Unlike many regulator systems using comparators having a
bipolar transistor input stage, a high impedance reference voltage
divider from a single supply can be used in connection with the
CA3140 (see Figure 15).
Essentially, the regulators, shown in Figures 16 and 17, are
connected as non inverting power operational amplifiers with a
gain of 3.2. An 8V reference input yields a maximum output
voltage slightly greater than 25V. As a voltage follower, when the
reference input goes to 0V the output will be 0V. Because the
offset voltage is also multiplied by the 3.2 gain factor, a
potentiometer is needed to null the offset voltage.
Series pass transistors with high ICBO levels will also prevent the
output voltage from reaching zero because there is a finite voltage
drop (VCESAT) across the output of the CA3140 (see Figure 2).
This saturation voltage level may indeed set the lowest voltage
obtainable.
The high impedance presented by Terminal 8 is advantageous in
effecting current limiting. Thus, only a small signal transistor is
required for the current-limit sensing amplifier. Resistive
decoupling is provided for this transistor to minimize damage to it
or the CA3140 in the event of unusual input or output transients
on the supply rail.
Figures 16 and 17, show circuits in which a D2201 high speed
diode is used for the current sensor. This diode was chosen for
its slightly higher forward voltage drop characteristic, thus giving
greater sensitivity. It must be emphasized that heat sinking of
this diode is essential to minimize variation of the current trip
point due to internal heating of the diode. That is, 1A at 1V
forward drop represents one watt which can result in significant
regenerative changes in the current trip point as the diode
temperature rises. Placing the small signal reference amplifier in
the proximity of the current sensing diode also helps minimize
the variability in the trip level due to the negative temperature
coefficient of the diode. In spite of those limitations, the current
limiting point can easily be adjusted over the range from 10mA
to 1A with a single adjustment potentiometer. If the temperature
stability of the current limiting system is a serious consideration,
the more usual current sampling resistor type of circuitry should
be employed.
A power Darlington transistor (in a metal can with heatsink), is
used as the series pass element for the conventional current
limiting system, Figure 16, because high power Darlington
dissipation will be encountered at low output voltage and high
currents.
2
6
8
1
4
7
+
CA3140
-
50
F
25V
2.2
k
2N3053
1N914
2.2
k
1N914
2.7
2.7
2N4037
+
-
+
- 50F
25V
3
SIGNAL
LEVEL
ADJUSTMENT
2.5k
200
2.4pF
2pF
-15V
+15V
OUTPUT
DC LEVEL
ADJUSTMENT
-15V
+15V
3k
200
1.8k
51
2W
OUT
NOMINAL BANDWIDTH = 10MHz
tr = 35ns
FIGURE 14. WIDEBAND OUTPUT AMPLIFIER
6
3
2
4
7
+
CA3140
-
VOLTAGE
REFERENCE
VOLTAGE
ADJUSTMENT
REGULATED
OUTPUT
INPUT
FIGURE 15. BASIC SINGLE SUPPLY VOLTAGE REGULATOR
SHOWING VOLTAGE FOLLOWER CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com