Electronic Components Datasheet Search
  English  ▼

X  

CA3140AMZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # CA3140AMZ
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140AMZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button CA3140AMZ Datasheet HTML 16Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 17Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 18Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 19Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 20Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 21Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 22Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 23Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.01
Page 21 of 21
Feb 19, 2026
Metallization Mask Layout
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website. The package
information is the most current data available and is subject to change without revision of this document.
Revision History
Dimensions in parenthesis are in millimeters and are derived
from the basic inch dimensions as indicated. Grid graduations
are in mils (10-3 inch).
The photographs and dimensions represent a chip when it is
part of the wafer. When the wafer is cut into chips, the cleavage
angles are 57o instead of 90 with respect to the face of the
chip. Therefore, the isolated chip is actually 7 mils (0.17mm)
larger in both dimensions.
62-70
(1.575-1.778)
4-10
(0.102-0.254)
60
50
40
30
20
10
0
58-66
(1.473-1.676)
50
40
30
20
10
61
0
60 65
Revision
Date
Description
10.01
Feb 19, 2026
▪ Updated Ordering Information table.
▪ Added Revision History section.
▪ Updated POD M8.15 to the latest version; changes are as follows.
• Placed into latest template.
• Added coplanarity spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com