Electronic Components Datasheet Search
  English  ▼

X  

CA3140AMZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CA3140AMZ
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140AMZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  CA3140AMZ Datasheet HTML 1Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 2Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 3Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 4Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 5Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 6Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 7Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 8Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.01
Page 2 of 21
Feb 19, 2026
Ordering Information
PART NUMBER (Note 1) PART MARKING
PACKAGE DESCRIPTION
(RoHS Compliant)
PKG. DWG. #
CARRIER TYPE
TEMP. RANGE
CA3140AEZ (Note 2)
CA3140AEZ
8 Ld PDIP Package
E8.3
Tube
-55 to 125°C
CA3140AMZ
3140
AMZ
8 Ld SOIC Package
M8.15
Tube
-55 to 125°C
CA3140AMZ96
3140
AMZ
8 Ld SOIC Package
M8.15
Reel, 2.5k
-55 to 125°C
CA3140EZ (Note 2)
CA3140EZ
8 Ld PDIP Package
E8.3
Tube
-55 to 125°C
CA3140MZ
3140MZ
8 Ld SOIC Package
M8.15
Tube
-55 to 125°C
CA3140MZ96
3140MZ
8 Ld SOIC Package
M8.15
Reel, 2.5k
-55 to 125°C
NOTES:
1. Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com