Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 289 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 289 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 285Page - SMSC Corporation LAN9312 Datasheet HTML 286Page - SMSC Corporation LAN9312 Datasheet HTML 287Page - SMSC Corporation LAN9312 Datasheet HTML 288Page - SMSC Corporation LAN9312 Datasheet HTML 289Page - SMSC Corporation LAN9312 Datasheet HTML 290Page - SMSC Corporation LAN9312 Datasheet HTML 291Page - SMSC Corporation LAN9312 Datasheet HTML 292Page - SMSC Corporation LAN9312 Datasheet HTML 293Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
289
Revision 1.2 (04-08-08)
DATASHEET
Note 14.49
The default value of this bit is determined by the logical OR of the Auto-Negotiation strap
(autoneg_strap_1 for Port 1 PHY, autoneg_strap_2 for Port 2 PHY) and the speed select
strap (speed_strap_1 for Port 1 PHY, speed_strap_2 for Port 2 PHY). Essentially, if the
Auto-Negotiation strap is set, the default value is 1, otherwise the default is determined by
the value of the speed select strap. Refer to Section 4.2.4, "Configuration Straps," on
page 40 for more information.
Note 14.50
The default value of this bit is determined by the value of the Auto-Negotiation strap
(autoneg_strap_1 for Port 1 PHY, autoneg_strap_2 for Port 2 PHY). Refer to Section 4.2.4,
"Configuration Straps," on page 40 for more information.
Note 14.51
The default value of this bit is determined by the logical AND of the negation of the Auto-
Negotiation strap (autoneg_strap_1 for Port 1 PHY, autoneg_strap_2 for Port 2 PHY) and
the duplex select strap (duplex_strap_1 for Port 1 PHY, duplex_strap_2 for Port 2 PHY).
Essentially, if the Auto-Negotiation strap is set, the default value is 0, otherwise the default
is determined by the value of the duplex select strap. Refer to Section 4.2.4, "Configuration
Straps," on page 40 for more information.
9
Restart Auto-Negotiation (PHY_RST_AN)
When set, this bit restarts the Auto-Negotiation process.
0: Normal operation
1: Auto-Negotiation restarted
R/W
SC
0b
8
Duplex Mode (PHY_DUPLEX)
This bit is used to set the duplex when the Auto-Negotiation (PHY_AN) bit
is disabled.
0: Half Duplex
1: Full Duplex
R/W
Note 14.51
7
Collision Test Mode (PHY_COL_TEST)
This bit enables/disables the collision test mode of the Port x PHY. When
set, the collision signal is active during transmission. It is recommended that
this feature be used only in loopback mode.
0: Collision test mode disabled
1: Collision test mode enabled
R/W
0b
6:0
RESERVED
RO
-
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com