Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 285 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 285 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 281Page - SMSC Corporation LAN9312 Datasheet HTML 282Page - SMSC Corporation LAN9312 Datasheet HTML 283Page - SMSC Corporation LAN9312 Datasheet HTML 284Page - SMSC Corporation LAN9312 Datasheet HTML 285Page - SMSC Corporation LAN9312 Datasheet HTML 286Page - SMSC Corporation LAN9312 Datasheet HTML 287Page - SMSC Corporation LAN9312 Datasheet HTML 288Page - SMSC Corporation LAN9312 Datasheet HTML 289Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
285
Revision 1.2 (04-08-08)
DATASHEET
14.3.12
Host MAC Wake-up Control and Status Register (HMAC_WUCSR)
This read/write register contains data and control settings pertaining to the Host MAC’s remote wake-
up status and capabilities. It is used in conjunction with the Host MAC Wake-up Frame Filter Register
(HMAC_WUFF) to fully configure the wake-up frame filter. Refer to Section 9.5, "Wake-up Frame
Detection," on page 116 for additional information.
Offset:
Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:10
RESERVED
RO
-
9
Global Unicast Enable (GUE)
When set, the Host MAC wakes up from power-saving mode on receipt of
a global unicast frame. This is accomplished by enabling global unicasts as
a wakeup frame qualifier. A global unicast frame has the MAC Address [1:0]
bits set to 0.
R/W
0b
8:7
RESERVED
RO
-
6
Remote Wake-Up Frame Received (WUFR)
The Host MAC sets this bit upon receiving a valid Remote Wake-up frame.
R/WC
0b
5
Magic Packet Received (MPR)
The Host MAC sets this bit upon receiving a valid Magic Packet
R/WC
0b
4-3
RESERVED
RO
-
2
Wake-Up Frame enabled (WUEN)
When set, Remote Wake-Up mode is enabled and the Host MAC is capable
of detecting wake-up frames as programmed in the Host MAC Wake-up
Frame Filter Register (HMAC_WUFF).
R/W
0b
1
Magic Packet Enable (MPEN)
When set, Magic Packet Wake-up mode is enabled.
R/W
0b
0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com