Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 284 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 284 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 280Page - SMSC Corporation LAN9312 Datasheet HTML 281Page - SMSC Corporation LAN9312 Datasheet HTML 282Page - SMSC Corporation LAN9312 Datasheet HTML 283Page - SMSC Corporation LAN9312 Datasheet HTML 284Page - SMSC Corporation LAN9312 Datasheet HTML 285Page - SMSC Corporation LAN9312 Datasheet HTML 286Page - SMSC Corporation LAN9312 Datasheet HTML 287Page - SMSC Corporation LAN9312 Datasheet HTML 288Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
284
SMSC LAN9312
DATASHEET
14.3.11
Host MAC Wake-up Frame Filter Register (HMAC_WUFF)
This write-only register is used to configure the wake-up frame filter. Refer to Section 9.5, "Wake-up
Frame Detection," on page 116 for additional information.
Offset:
Bh
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Wake-Up Frame Filter (WFF)
The Wake-up frame filter is configured through this register using an
indexing mechanism. After power-on reset, digital reset, or soft reset, the
Host MAC loads the first value written to this location to the first DWORD in
the Wake-up frame filter (filter 0 byte mask). The second value written to this
location is loaded to the second DWORD in the wake-up frame filter (filter 1
byte mask) and so on. Once all eight DWORD’s have been written, the
internal pointer will once again point to the first entry and the filter entries
can be modified in the same manner.
Note:
This is a write-only register.
WO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com