Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 283 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 283 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 279Page - SMSC Corporation LAN9312 Datasheet HTML 280Page - SMSC Corporation LAN9312 Datasheet HTML 281Page - SMSC Corporation LAN9312 Datasheet HTML 282Page - SMSC Corporation LAN9312 Datasheet HTML 283Page - SMSC Corporation LAN9312 Datasheet HTML 284Page - SMSC Corporation LAN9312 Datasheet HTML 285Page - SMSC Corporation LAN9312 Datasheet HTML 286Page - SMSC Corporation LAN9312 Datasheet HTML 287Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
283
Revision 1.2 (04-08-08)
DATASHEET
14.3.10
Host MAC VLAN2 Tag Register (HMAC_VLAN2)
This read/write register contains the VLAN tag field to identify VLAN2 frames. When a VLAN2 frame
is detected, the legal frame length is increased from 1518 bytes to 1538 bytes. Refer to Section 9.3,
"Virtual Local Area Network (VLAN) Support," on page 113 for additional information.
Offset:
Ah
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:0
VLAN2 Tag Identifier (VTI2)
This field contains the VLAN Tag used to identify VLAN2 frames. This field
is compared with the 13th and 14th bytes of the incoming frames for VLAN2
frame detection.
Note:
If used, this register is typically set to the standard VLAN value of
8100h. If both VLAN1 and VLAN2 Tag Identifiers are used, they
should be unique. If both are set to the same value, VLAN1 is
given higher precedence and the maximum legal frame length is
set to 1522.
R/W
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com