Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 279 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 279 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 275Page - SMSC Corporation LAN9312 Datasheet HTML 276Page - SMSC Corporation LAN9312 Datasheet HTML 277Page - SMSC Corporation LAN9312 Datasheet HTML 278Page - SMSC Corporation LAN9312 Datasheet HTML 279Page - SMSC Corporation LAN9312 Datasheet HTML 280Page - SMSC Corporation LAN9312 Datasheet HTML 281Page - SMSC Corporation LAN9312 Datasheet HTML 282Page - SMSC Corporation LAN9312 Datasheet HTML 283Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
279
Revision 1.2 (04-08-08)
DATASHEET
14.3.7
Host MAC MII Data Register (HMAC_MII_DATA)
This read/write register is used in conjunction with the Host MAC MII Access Register
(HMAC_MII_ACC) to access the internal PHY registers. This register contains either the data to be
written to the PHY register specified in the HMAC_MII_ACC Register, or the read data from the PHY
register whose index is specified in the HMAC_MII_ACC Register.
Offset:
7h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:0
MII Data
This field contains the 16-bit value read from the PHY read operation or the
16-bit data value to be written to the PHY before an MII write operation.
R/W
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com