Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 275 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 275 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 271Page - SMSC Corporation LAN9312 Datasheet HTML 272Page - SMSC Corporation LAN9312 Datasheet HTML 273Page - SMSC Corporation LAN9312 Datasheet HTML 274Page - SMSC Corporation LAN9312 Datasheet HTML 275Page - SMSC Corporation LAN9312 Datasheet HTML 276Page - SMSC Corporation LAN9312 Datasheet HTML 277Page - SMSC Corporation LAN9312 Datasheet HTML 278Page - SMSC Corporation LAN9312 Datasheet HTML 279Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
275
Revision 1.2 (04-08-08)
DATASHEET
14.3.3
Host MAC Address Low Register (HMAC_ADDRL)
This read/write register contains the lower 32-bits of the physical address of the Host MAC. The
contents of this register are optionally loaded from the EEPROM at power-on through the EEPROM
Loader if a programmed EEPROM is detected. The least significant byte of this register (bits [7:0]) is
loaded from address 01h of the EEPROM. The most significant byte of this register is loaded from
address 04h of the EEPROM. Section 9.6, "Host MAC Address," on page 119 details the byte ordering
of the HMAC_ADDRL and HMAC_ADDRH registers with respect to the reception of the Ethernet
physical address. Please refer to Section 10.2, "I2C/Microwire Master EEPROM Controller," on
page 137 for more information on the EEPROM Loader.
Offset:
3h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Physical Address [31:0]
This field contains the lower 32-bits (31:0) of the Physical Address of the
Host MAC. The content of this field is undefined until loaded from the
EEPROM at power-on. The host can update the contents of this field after
the initialization process has completed.
R/W
FFFFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com