Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 273 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 273 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 269Page - SMSC Corporation LAN9312 Datasheet HTML 270Page - SMSC Corporation LAN9312 Datasheet HTML 271Page - SMSC Corporation LAN9312 Datasheet HTML 272Page - SMSC Corporation LAN9312 Datasheet HTML 273Page - SMSC Corporation LAN9312 Datasheet HTML 274Page - SMSC Corporation LAN9312 Datasheet HTML 275Page - SMSC Corporation LAN9312 Datasheet HTML 276Page - SMSC Corporation LAN9312 Datasheet HTML 277Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
273
Revision 1.2 (04-08-08)
DATASHEET
7:6
BackOff Limit (BOLMT)
The BOLMT bits allow the user to set the back-off limit in a relaxed or
aggressive mode. According to IEEE 802.3, the Host MAC has to wait for a
random number [r] of slot-times(see note) after it detects a collision, where:
(eq.1)0 < r < 2K
The exponent K is dependent on how many times the current frame to be
transmitted has been retried, as follows:
(eq.2)K = min (n, 10) where n is the current number of retries.
If a frame has been retried three times, then K = 3 and r= 8 slot-times
maximum. If it has been retried 12 times, then K = 10, and r = 1024 slot-
times maximum.
An LFSR (linear feedback shift register) 20-bit counter emulates a 20 bit
random number generator, from which r is obtained. Once a collision is
detected, the number of the current retry of the current frame is used to
obtain K (eq.2). This value of K translates into the number of bits to use from
the LFSR counter. If the value of K is 3, the Host MAC takes the value in
the first three bits of the LFSR counter and uses it to count down to zero on
every slot-time. This effectively causes the Host MAC to wait eight slot-
times. To give the user more flexibility, the BOLMT value forces the number
of bits to be used from the LFSR counter to a predetermined value as in the
table below.
Thus, if the value of K = 10, the Host MAC will look at the BOLMT if it is 00b,
then use the lower ten bits of the LFSR counter for the wait countdown. If the BOLMT
is 10b, then it will only use the value in the first four bits for the wait countdown,
etc.
Note:
Slot-time = 512 bit times. (See IEEE 802.3 Spec., sections 4.2.3.25
and 4.4.2.1)
R/W
0b
5
Deferral Check (DFCHK)
When set, enables the deferral check in the Host MAC. The Host MAC will
abort the transmission attempt if it has deferred for more than 24,288 bit
times. Deferral starts when the transmitter is ready to transmit, but is
prevented from doing so because the CRS is active. Deferral time is not
cumulative. If the transmitter defers for 10,000 bit times, then transmits,
collides, backs off, and then has to defer again after completion of back-off,
the deferral timer resets to 0 and restarts. When this bit is cleared, the
deferral check is disabled in the Host MAC and the Host MAC defers
indefinitely.
R/W
0b
4
RESERVED
RO
-
3
Transmitter enable (TXEN)
When set, the Host MAC’s transmitter is enabled and it will transmit frames
from the buffer.
When cleared, the Host MAC’s transmitter is disabled and will not transmit
any frames.
R/W
0b
2
Receiver Enable (RXEN)
When set, the Host MAC’s receiver is enabled and will receive frames.
When cleared, the MAC’s receiver is disabled and will not receive any
frames.
R/W
0b
1:0
RESERVED
RO
-
BITS
DESCRIPTION
TYPE
DEFAULT
BOLMT Value
# Bits Used from LFSR Counter
00b
10
01b
8
10b
4
11b
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com