Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 269 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 269 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 265Page - SMSC Corporation LAN9312 Datasheet HTML 266Page - SMSC Corporation LAN9312 Datasheet HTML 267Page - SMSC Corporation LAN9312 Datasheet HTML 268Page - SMSC Corporation LAN9312 Datasheet HTML 269Page - SMSC Corporation LAN9312 Datasheet HTML 270Page - SMSC Corporation LAN9312 Datasheet HTML 271Page - SMSC Corporation LAN9312 Datasheet HTML 272Page - SMSC Corporation LAN9312 Datasheet HTML 273Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
269
Revision 1.2 (04-08-08)
DATASHEET
14.2.9.8
Reset Control Register (RESET_CTL)
This register contains software controlled resets.
Note:
This register can be read while the LAN9312 is in the reset or not ready states.
Offset:
1F8h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:4
RESERVED
RO
-
3
Virtual PHY Reset (VPHY_RST)
Setting this bit resets the Virtual PHY. When the Virtual PHY is released from
reset, this bit is automatically cleared. All writes to this bit are ignored while
this bit is set.
Note:
This bit is not accessible via the EEPROM Loader.
R/W
SC
0b
2
Port 2 PHY Reset (PHY2_RST)
Setting this bit resets the Port 2 PHY. The internal logic automatically holds
the PHY reset for a minimum of 102uS. When the Port 2 PHY is released
from reset, this bit is automatically cleared. All writes to this bit are ignored
while this bit is set.
Note:
This bit is not accessible via the EEPROM Loader.
R/W
SC
0b
1
Port 1 PHY Reset (PHY1_RST)
Setting this bit resets the Port 1 PHY. The internal logic automatically holds
the PHY reset for a minimum of 102uS. When the Port 1 PHY is released
from reset, this bit is automatically cleared. All writes to this bit are ignored
while this bit is set.
Note:
This bit is not accessible via the EEPROM Loader.
R/W
SC
0b
0
Digital Reset (DIGITAL_RST)
Setting this bit resets the complete chip except the PLL, Virtual PHY, Port 1
PHY, and Port 2 PHY. The EEPROM Loader will automatically reload the
configuration following this reset, but will not reset the Virtual PHY, Port 1
PHY, or Port 2 PHY. If desired, the above PHY resets can be issued once
the device is configured. All system CSRs are reset except for any NASR
type bits. Any in progress EEPROM commands (including RELOAD) are
terminated.
When the chip is released from reset, this bit is automatically cleared. This
bit should be polled to determine when the reset is complete. All writes to
this bit are ignored while this bit is set.
Note:
The LAN9312must always be read at least once after power-up or
reset to ensure that write operations function properly.
Note:
This bit is not accessible via the EEPROM Loader.
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com