Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 265 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 265 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 261Page - SMSC Corporation LAN9312 Datasheet HTML 262Page - SMSC Corporation LAN9312 Datasheet HTML 263Page - SMSC Corporation LAN9312 Datasheet HTML 264Page - SMSC Corporation LAN9312 Datasheet HTML 265Page - SMSC Corporation LAN9312 Datasheet HTML 266Page - SMSC Corporation LAN9312 Datasheet HTML 267Page - SMSC Corporation LAN9312 Datasheet HTML 268Page - SMSC Corporation LAN9312 Datasheet HTML 269Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
265
Revision 1.2 (04-08-08)
DATASHEET
8:7
RESERVED
RO
-
6
PME Buffer Type (PME_TYPE)
When this bit is cleared, the PME pin functions as an open-drain buffer for
use in a wired-or configuration. When set, the PME pin is a push-pull driver.
Note:
When PME is configured as an open-drain output, the PME_POL
field of this register is ignored and the output is always active low.
0: PME pin open-drain output
1: PME pin push-pull driver
R/W
NASR
0b
5
Wake On LAN Status (WOL_STS)
This bit indicates that a wake-up frame or magic packet was detected by the
Host MAC.
In order to clear this bit, it is required that the event in the Host MAC be
cleared as well. The event sources are described in Section 4.3, "Power
Management," on page 46.
R/WC
0b
4
RESERVED
RO
-
3
PME Indication (PME_IND)
The PME signal can be configured as a pulsed output or a static signal,
which is asserted upon detection of a wake-up event. When set, the PME
signal will pulse active for 50mS upon detection of a wake-up event. When
cleared, the PME signal is driven continuously upon detection of a wake-up
event.
0: PME 50mS pulse on detection of event
1: PME driven continuously on detection of event
The PME signal can be deactivated by clearing the WOL_STS bit or by
clearing the appropriate enable.
R/W
0b
2
PME Polarity (PME_POL)
This bit controls the polarity of the PME signal. When set, the PME output
is an active high signal. When cleared, it is active low.
Note:
When PME is configured as an open-drain output, this field is
ignored and the output is always active low.
0: PME active low
1: PME active high
R/W
NASR
0b
1
PME Enable (PME_EN)
When set, this bit enables the external PME signal pin. When cleared, the
external PME signal is disabled.
Note:
This bit does not affect the PME_INT interrupt bit of the Interrupt
Status Register (INT_STS).
0: PME pin disabled
1: PME pin enabled
R/W
0b
0
Device Ready (READY)
When set, this bit indicates that the LAN9312 is ready to be accessed. Upon
power-up, nRST reset, soft reset, or digital reset, the host processor may
interrogate this field as an indication that the LAN9312 has stabilized and is
fully active.
This bit can cause an interrupt if enabled.
Note:
With the exception of the HW_CFG, PMT_CTRL, BYTE_TEST, and
RESET_CTL registers, read access to any internal resources is
forbidden while the READY bit is cleared. Writes to any address
are invalid until this bit is set.
Note:
This bit is identical to bit 27 of the Hardware Configuration Register
(HW_CFG).
RO
0b
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com