Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 263 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 263 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 259Page - SMSC Corporation LAN9312 Datasheet HTML 260Page - SMSC Corporation LAN9312 Datasheet HTML 261Page - SMSC Corporation LAN9312 Datasheet HTML 262Page - SMSC Corporation LAN9312 Datasheet HTML 263Page - SMSC Corporation LAN9312 Datasheet HTML 264Page - SMSC Corporation LAN9312 Datasheet HTML 265Page - SMSC Corporation LAN9312 Datasheet HTML 266Page - SMSC Corporation LAN9312 Datasheet HTML 267Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
263
Revision 1.2 (04-08-08)
DATASHEET
Note 14.47
The default value of this field is determined by the configuration strap auto_mdix_strap_2.
See Section 4.2.4, "Configuration Straps," on page 40 for more information.
Note 14.48
The default value of this field is determined by the configuration strap auto_mdix_strap_1.
See Section 4.2.4, "Configuration Straps," on page 40 for more information.
11:1
RESERVED
RO
-
0
Soft Reset (SRST)
Writing 1 generates a software initiated reset to the Host Bus Interface, the
Host MAC, and System CSR’s below address 100h. The System CSR’s are
all reset except for any NASR bits. Soft reset also clears any TX or RX
errors in the Host MAC transmitter and receiver (TXE/RXE). This bit is self-
clearing. In order to reset all values, the Reset Control Register
(RESET_CTL) must be used.
Note:
This bit will read high during assertion of DIGITAL_RST in the
Reset Control Register (RESET_CTL). The LAN9312 must always
be read at least once after power-up or reset to ensure that write
operations function correctly.
R/W
SC
0b
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com