Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 261 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 261 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 257Page - SMSC Corporation LAN9312 Datasheet HTML 258Page - SMSC Corporation LAN9312 Datasheet HTML 259Page - SMSC Corporation LAN9312 Datasheet HTML 260Page - SMSC Corporation LAN9312 Datasheet HTML 261Page - SMSC Corporation LAN9312 Datasheet HTML 262Page - SMSC Corporation LAN9312 Datasheet HTML 263Page - SMSC Corporation LAN9312 Datasheet HTML 264Page - SMSC Corporation LAN9312 Datasheet HTML 265Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
261
Revision 1.2 (04-08-08)
DATASHEET
14.2.9.3
Hardware Configuration Register (HW_CFG)
This register allows the configuration of various hardware features including TX/RX FIFO sizes, Host
MAC transmit threshold properties, and software reset. A detailed explanation of the allowable settings
for FIFO memory allocation can be found in Section 9.7.3, "FIFO Memory Allocation Configuration,"
on page 121.
Note:
This register can be polled while the LAN9312 is in the reset or not ready state (READY bit is
cleared).
Offset:
074h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:28
RESERVED
RO
-
27
Device Ready (READY)
When set, this bit indicates that the LAN9312 is ready to be accessed. Upon
power-up, nRST reset, soft reset, or digital reset, the host processor may
interrogate this field as an indication that the LAN9312 has stabilized and is
fully active.
This bit can cause an interrupt if enabled.
Note:
With the exception of the HW_CFG, PMT_CTRL, BYTE_TEST, and
RESET_CTL registers, read access to any internal resources is
forbidden while the READY bit is cleared. Writes to any address
are invalid until this bit is set.
Note:
This bit is identical to bit 0 of the Power Management Control
Register (PMT_CTRL).
RO
0b
26
AMDIX_EN Strap State Port 2
This bit reflects the state of the auto_mdix_strap_2 strap that connects to
the PHY. The strap value is loaded with the level of the auto_mdix_strap_2
during reset and can be re-written by the EEPROM Loader. The strap value
can be overridden by bit 15 and 13 of the Port 2 PHY Special Control/Status
Indication Register (Section 14.4.2.10).
RO
Note 14.47
25
AMDIX_EN Strap State Port 1
This bit reflects the state of the auto_mdix_strap_1 strap that connects to
the PHY. The strap value is loaded with the level of the auto_mdix_strap_1
during reset and can be re-written by the EEPROM Loader. The strap value
can be overridden by bit 15 and 13 of the Port 1 PHY Special Control/Status
Indication Register (Section 14.4.2.10).
RO
Note 14.48
24:22
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com