Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 264 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 264 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 260Page - SMSC Corporation LAN9312 Datasheet HTML 261Page - SMSC Corporation LAN9312 Datasheet HTML 262Page - SMSC Corporation LAN9312 Datasheet HTML 263Page - SMSC Corporation LAN9312 Datasheet HTML 264Page - SMSC Corporation LAN9312 Datasheet HTML 265Page - SMSC Corporation LAN9312 Datasheet HTML 266Page - SMSC Corporation LAN9312 Datasheet HTML 267Page - SMSC Corporation LAN9312 Datasheet HTML 268Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
264
SMSC LAN9312
DATASHEET
14.2.9.4
Power Management Control Register (PMT_CTRL)
This read-write register controls the power management features and the PME pin of the LAN9312.
The ready state of the LAN9312 can be determined via the Device Ready (READY) bit of this register.
Refer to Section 4.3, "Power Management," on page 46 for additional information.
Note:
This register is one of only four registers (the others are HW_CFG, BYTE_TEST, and
RESET_CTL) which can be polled while the LAN9312 is in the reset or not ready state (READY
bit is cleared).
Offset:
084h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:18
RESERVED
RO
-
17
Energy-Detect Status Port 2 (ED_STS2)
This bit indicates an energy detect event occurred on the Port 2 PHY.
In order to clear this bit, it is required that the event in the PHY be cleared
as well. The event sources are described in Section 4.3, "Power
Management," on page 46.
R/WC
0b
16
Energy-Detect Status Port 1 (ED_STS1)
This bit indicates an energy detect event occurred on the Port 1 PHY.
In order to clear this bit, it is required that the event in the PHY be cleared
as well. The event sources are described in Section 4.3, "Power
Management," on page 46.
R/WC
0b
15
Energy-Detect Enable Port 2 (ED_EN2)
When set, the PME signal (if enabled via the PME_EN bit) will be asserted
in accordance with the PME_IND bit upon an energy-detect event from Port
2. When set, the PME_INT bit in the Interrupt Status Register (INT_STS) will
also be asserted upon an energy-detect event from Port 2, regardless of the
setting of the PME_EN bit.
Note:
The EDPWRDOWN bit of the Port x PHY Mode Control/Status
Register (PHY_MODE_CONTROL_STATUS_x) of the Port 2 PHY
must also be set to enable the energy detect feature.
R/W
0b
14
Energy-Detect Enable Port 1 (ED_EN1)
When set, the PME signal (if enabled via the PME_EN bit) will be asserted
in accordance with the PME_IND bit upon an energy-detect event from Port
1. When set, the PME_INT bit in the Interrupt Status Register (INT_STS) will
also be asserted upon an energy-detect event from Port 1, regardless of the
setting of the PME_EN bit.
Note:
The EDPWRDOWN bit in the Port x PHY Mode Control/Status
Register (PHY_MODE_CONTROL_STATUS_x) of the Port 1 PHY
must also be set to enable the energy detect feature.
R/W
0b
13:11
RESERVED
RO
-
10
Virtual PHY Reset (VPHY_RST)
Writing a 1 to this bit resets the Virtual PHY. When the Virtual PHY is
released from reset, this bit is automatically cleared. All writes to this bit are
ignored while this bit is high.
R/W
SC
0b
9
Wake-On-LAN Enable (WOL_EN)
When set, the PME signal (if enabled via the PME_EN bit) will be asserted
in accordance with the PME_IND bit upon a WOL event. When set, the
PME_INT bit in the Interrupt Status Register (INT_STS) will also be asserted
upon a WOL event, regardless of the setting of the PME_EN bit.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com