Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 272 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 272 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 268Page - SMSC Corporation LAN9312 Datasheet HTML 269Page - SMSC Corporation LAN9312 Datasheet HTML 270Page - SMSC Corporation LAN9312 Datasheet HTML 271Page - SMSC Corporation LAN9312 Datasheet HTML 272Page - SMSC Corporation LAN9312 Datasheet HTML 273Page - SMSC Corporation LAN9312 Datasheet HTML 274Page - SMSC Corporation LAN9312 Datasheet HTML 275Page - SMSC Corporation LAN9312 Datasheet HTML 276Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
272
SMSC LAN9312
DATASHEET
16
Pass Bad Frames (PASSBAD)
When set, all incoming frames that passed address filtering are received,
including runt frames, collided frames or truncated frames caused by buffer
underrun. Refer to Section 9.4, "Address Filtering," on page 114 for
additional information.
R/W
0b
15
Hash Only Filtering mode (HO)
When set, the address check Function operates in the Imperfect address
filtering mode for both physical and multicast addresses. Refer to Section
9.4.2, "Hash Only Filtering," on page 115 for additional information.
R/W
0b
14
RESERVED
RO
-
13
Hash/Perfect Filtering Mode (HPFILT)
When cleared (0), the LAN9312 will implement a perfect address filter on
incoming frames according the address specified in the Host MAC address
registers (Host MAC Address High Register (HMAC_ADDRH) and Host
MAC Address Low Register (HMAC_ADDRL)).
When set (1), the address check function performs imperfect address
filtering of multicast incoming frames according to the hash table specified
in the multicast hash table register. If the Hash Only Filtering mode (HO) bit
15 is set, then the physical (IA) addresses are also imperfect filtered. If the
Hash Only Filtering mode (HO) bit is cleared, then the IA addresses are
perfect address filtered according to the MAC Address register Refer to
Section 9.4.3, "Hash Perfect Filtering," on page 115 for additional
information.
R/W
0b
12
RESERVED
RO
-
11
Disable Broadcast Frames (BCAST)
When set, disables the reception of broadcast frames. When cleared,
forwards all broadcast frames to the application.
R/W
0b
10
Disable Retry (DISRTY)
When set, the Host MAC attempts only one transmission. When a collision
is seen on the bus, the Host MAC ignores the current frame and goes to the
next frame and a retry error is reported in the Transmit status. When reset,
the Host MAC attempts 16 transmissions before signaling a retry error.
R/W
0b
9
RESERVED
RO
-
8
Automatic Pad Stripping (PADSTR)
When set, the Host MAC strips the pad field on all incoming frames, if the
length field is less than 46 bytes. The FCS field is also stripped, since it is
computed at the transmitting station based on the data and pad field
characters, and is invalid for a received frame that has had the pad
characters stripped. Receive frames with a 46-byte or greater length field
are passed to the application unmodified (FCS is not stripped). When
cleared, the Host MAC passes all incoming frames to the host unmodified.
R/W
0b
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com