Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 270 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 270 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 266Page - SMSC Corporation LAN9312 Datasheet HTML 267Page - SMSC Corporation LAN9312 Datasheet HTML 268Page - SMSC Corporation LAN9312 Datasheet HTML 269Page - SMSC Corporation LAN9312 Datasheet HTML 270Page - SMSC Corporation LAN9312 Datasheet HTML 271Page - SMSC Corporation LAN9312 Datasheet HTML 272Page - SMSC Corporation LAN9312 Datasheet HTML 273Page - SMSC Corporation LAN9312 Datasheet HTML 274Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
270
SMSC LAN9312
DATASHEET
14.3
Host MAC Control and Status Registers
This section details the Host MAC System CSR’s. These registers are located in the Host MAC and
are accessed indirectly via the HBI system CSR’s. Table 14.6 lists Host MAC registers that are
accessible through the indexing method using the Host MAC CSR Interface Command Register
(MAC_CSR_CMD) and Host MAC CSR Interface Data Register (MAC_CSR_DATA).
The Host MAC registers allow configuration of the various Host MAC parameters including the Host
MAC address, flow control, multicast hash table, and wake-up configuration. The Host MAC CSR’s
also provide serial access to the PHYs via the registers HMAC_MII_ACC and HMAC_MII_DATA.
These registers allow access to the 10/100 Ethernet PHY registers and the switch engine (via Port 0).
Table 14.6 Host MAC Adressable Registers
INDEX #
SYMBOL
REGISTER NAME
00h
RESERVED
Reserved for Future Use
01h
HMAC_CR
Host MAC Control Register, Section 14.3.1
02h
HMAC_ADDRH
Host MAC Address High Register, Section 14.3.2
03h
HMAC_ADDRL
Host MAC Address Low Register, Section 14.3.3
04h
HMAC_HASHH
Host MAC Multicast Hash Table High Register, Section 14.3.4
05h
HMAC_HASHL
Host MAC Multicast Hash Table Low Register, Section 14.3.5
06h
HMAC_MII_ACC
Host MAC MII Access Register, Section 14.3.6
07h
HMAC_MII_DATA
Host MAC MII Data Register, Section 14.3.7
08h
HMAC_FLOW
Host MAC Flow Control Register, Section 14.3.8
09h
HMAC_VLAN1
Host MAC VLAN1 Tag Register, Section 14.3.9
0Ah
HMAC_VLAN2
Host MAC VLAN2 Tag Register, Section 14.3.10
0Bh
HMAC_WUFF
Host MAC Wake-up Frame Filter Register, Section 14.3.11
0Ch
HMAC_WUCSR
Host MAC Wake-up Control and Status Register,
Section 14.3.12
0Dh-FFh
RESERVED
Reserved for Future Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com