Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 271 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 271 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 267Page - SMSC Corporation LAN9312 Datasheet HTML 268Page - SMSC Corporation LAN9312 Datasheet HTML 269Page - SMSC Corporation LAN9312 Datasheet HTML 270Page - SMSC Corporation LAN9312 Datasheet HTML 271Page - SMSC Corporation LAN9312 Datasheet HTML 272Page - SMSC Corporation LAN9312 Datasheet HTML 273Page - SMSC Corporation LAN9312 Datasheet HTML 274Page - SMSC Corporation LAN9312 Datasheet HTML 275Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
271
Revision 1.2 (04-08-08)
DATASHEET
14.3.1
Host MAC Control Register (HMAC_CR)
This read/write register establishes the RX and TX operation modes and controls for address filtering
and packet filtering. Refer to Chapter 9, "Host MAC," on page 112 for additional information.
Bits 19-15, 13, and 11 determine if the Host MAC accepts the packets from the switch fabric. The
switch fabric address table and configuration determine which packets get sent to the Host MAC.
Offset:
1h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
Receive All Mode (RXALL)
When set, all incoming packets will be received and passed on to the
address filtering function for processing of the selected filtering mode on the
received frame. Address filtering then occurs and is reported in Receive
Status. When cleared, only frames that pass Destination Address filtering
will be sent to the application.
R/W
0b
30:24
RESERVED
RO
-
23
Disable Receive Own (RCVOWN)
When set, the Host MAC disables the reception of frames when TXEN (bit
3) is asserted. The Host MAC blocks the transmitted frame on the receive
path. When cleared, the Host MAC receives all packets, including those
transmitted by the Host MAC. This bit should be cleared when the Full
Duplex Mode bit is set.
R/W
0b
22
RESERVED
RO
-
21
Loopback operation Mode (LOOPBK)
Selects the loop back operation modes for the Host MAC. This field is only
valid for full duplex mode. In internal loopback mode, the TX frame is
received by the internal MII interface, and sent back to the Host MAC
without being sent to the switch fabric.
0: Normal Operation. Loopback disabled.
1: Loopback enabled
Note:
When enabling or disabling the loopback mode it can take up to
10
μs for the mode change to occur. The transmitter and receiver
must be stopped and disabled when modifying the LOOPBK bit.
The transmitter or receiver should not be enabled within10
μs of
modifying the LOOPBK bit.
R/W
0b
20
Full Duplex Mode (FDPX)
When set, the Host MAC operates in Full-Duplex mode, in which it can
transmit and receive simultaneously.
R/W
0b
19
Pass All Multicast (MCPAS)
When set, indicates that all incoming frames with a Multicast destination
address (first bit in the destination address field is 1) are received. Incoming
frames with physical address (Individual Address/Unicast) destinations are
filtered and received only if the address matches the Host MAC Address.
R/W
0b
18
Promiscuous Mode (PRMS)
When set, indicates that any incoming frame is received regardless of its
destination address.
R/W
1b
17
Inverse filtering (INVFILT)
When set, the address check function operates in inverse filtering mode.
This is valid only during Perfect filtering mode. Refer to Section 9.4.4,
"Inverse Filtering," on page 116 for additional information.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com