Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 290 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 290 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 286Page - SMSC Corporation LAN9312 Datasheet HTML 287Page - SMSC Corporation LAN9312 Datasheet HTML 288Page - SMSC Corporation LAN9312 Datasheet HTML 289Page - SMSC Corporation LAN9312 Datasheet HTML 290Page - SMSC Corporation LAN9312 Datasheet HTML 291Page - SMSC Corporation LAN9312 Datasheet HTML 292Page - SMSC Corporation LAN9312 Datasheet HTML 293Page - SMSC Corporation LAN9312 Datasheet HTML 294Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
290
SMSC LAN9312
DATASHEET
14.4.2.2
Port x PHY Basic Status Register (PHY_BASIC_STATUS_x)
This register is used to monitor the status of the Port x PHY.
Index (decimal):
1
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15
100BASE-T4
This bit displays the status of 100BASE-T4 compatibility.
0: PHY not able to perform 100BASE-T4
1: PHY able to perform 100BASE-T4
RO
0b
Note 14.52
14
100BASE-X Full Duplex
This bit displays the status of 100BASE-X full duplex compatibility.
0: PHY not able to perform 100BASE-X full duplex
1: PHY able to perform 100BASE-X full duplex
RO
1b
13
100BASE-X Half Duplex
This bit displays the status of 100BASE-X half duplex compatibility.
0: PHY not able to perform 100BASE-X half duplex
1: PHY able to perform 100BASE-X half duplex
RO
1b
12
10BASE-T Full Duplex
This bit displays the status of 10BASE-T full duplex compatibility.
0: PHY not able to perform 10BASE-T full duplex
1: PHY able to perform 10BASE-T full duplex
RO
1b
11
10BASE-T Half Duplex
This bit displays the status of 10BASE-T half duplex compatibility.
0: PHY not able to perform 10BASE-T half duplex
1: PHY able to perform 10BASE-T half duplex
RO
1b
10
100BASE-T2 Full Duplex
This bit displays the status of 100BASE-T2 full duplex compatibility.
0: PHY not able to perform 100BASE-T2 full duplex
1: PHY able to perform 100BASE-T2 full duplex
RO
0b
Note 14.52
9
100BASE-T2 Half Duplex
This bit displays the status of 100BASE-T2 half duplex compatibility.
0: PHY not able to perform 100BASE-T2 half duplex
1: PHY able to perform 100BASE-T2 half duplex
RO
0b
Note 14.52
8:6
RESERVED
RO
-
5
Auto-Negotiation Complete
This bit indicates the status of the Auto-Negotiation process.
0: Auto-Negotiation process not completed
1: Auto-Negotiation process completed
RO
0b
4
Remote Fault
This bit indicates if a remote fault condition has been detected.
0: No remote fault condition detected
1: Remote fault condition detected
RO/LH
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com