Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 295 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 295 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 291Page - SMSC Corporation LAN9312 Datasheet HTML 292Page - SMSC Corporation LAN9312 Datasheet HTML 293Page - SMSC Corporation LAN9312 Datasheet HTML 294Page - SMSC Corporation LAN9312 Datasheet HTML 295Page - SMSC Corporation LAN9312 Datasheet HTML 296Page - SMSC Corporation LAN9312 Datasheet HTML 297Page - SMSC Corporation LAN9312 Datasheet HTML 298Page - SMSC Corporation LAN9312 Datasheet HTML 299Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
295
Revision 1.2 (04-08-08)
DATASHEET
Note 14.53
The Pause and Asymmetric Pause bits are loaded into the PHY registers by the EEPROM
Loader.
Note 14.54
The default value of this bit is determined by the Manual Flow Control Enable Strap
(manual_FC_strap_x). When the Manual Flow Control Enable Strap is 0, this bit defaults
to 1 (symmetric pause advertised). When the Manual Flow Control Enable Strap is 1, this
bit defaults to 0 (symmetric pause not advertised). Configuration strap values are latched
upon the de-assertion of a chip-level reset as described in Section 4.2.4, "Configuration
Straps," on page 40. Refer to Section 4.2.4, "Configuration Straps," on page 40 for
configuration strap definitions.
Note 14.55
The default value of this bit is determined by the logical OR of the Auto-Negotiation strap
(autoneg_strap_x) with the logical AND of the negated speed select strap (speed_strap_x)
and (duplex_strap_x). Table 14.8 defines the default behavior of this bit. Configuration
strap values are latched upon the de-assertion of a chip-level reset as described in Section
4.2.4, "Configuration Straps," on page 40. Refer to Section 4.2.4, "Configuration Straps,"
on page 40 for configuration strap definitions.
Note 14.56
The default value of this bit is determined by the logical OR of the Auto-Negotiation strap
(autoneg_strap_x) and the negated speed strap (speed_strap_x). Table 14.9 defines the
default behavior of this bit. Configuration strap values are latched upon the de-assertion
of a chip-level reset as described in Section 4.2.4, "Configuration Straps," on page 40.
Refer to Section 4.2.4, "Configuration Straps," on page 40 for configuration strap
definitions.
6
10BASE-T Full Duplex
This bit determines the advertised 10BASE-T full duplex capability.
0: 10BASE-T full duplex ability not advertised
1: 10BASE-T full duplex ability advertised
R/W
Note 14.55
Table 14.8
5
10BASE-T Half Duplex
This bit determines the advertised 10BASE-T half duplex capability.
0: 10BASE-T half duplex ability not advertised
1: 10BASE-T half duplex ability advertised
R/W
Note 14.56
Table 14.9
4:0
Selector Field
This field identifies the type of message being sent by Auto-Negotiation.
00001: IEEE 802.3
R/W
00001b
Table 14.8 10BASE-T Full Duplex Advertisement Default Value
autoneg_strap_x
speed_strap_x
duplex_strap_x
Default 10BASE-T Full Duplex (Bit 6) Value
00
0
0
00
1
1
01
0
0
01
1
0
10
0
1
10
1
1
11
0
1
11
1
1
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com