Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 299 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 299 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 295Page - SMSC Corporation LAN9312 Datasheet HTML 296Page - SMSC Corporation LAN9312 Datasheet HTML 297Page - SMSC Corporation LAN9312 Datasheet HTML 298Page - SMSC Corporation LAN9312 Datasheet HTML 299Page - SMSC Corporation LAN9312 Datasheet HTML 300Page - SMSC Corporation LAN9312 Datasheet HTML 301Page - SMSC Corporation LAN9312 Datasheet HTML 302Page - SMSC Corporation LAN9312 Datasheet HTML 303Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
299
Revision 1.2 (04-08-08)
DATASHEET
14.4.2.7
Port x PHY Auto-Negotiation Expansion Register (PHY_AN_EXP_x)
This read/write register is used in the Auto-Negotiation process between the link partner and the Port
x PHY.
Index (decimal):
6
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:5
RESERVED
RO
-
4
Parallel Detection Fault
This bit indicates whether a Parallel Detection Fault has been detected.
0: A fault hasn’t been detected via the Parallel Detection function
1: A fault has been detected via the Parallel Detection function
RO/LH
0b
3
Link Partner Next Page Able
This bit indicates whether the link partner has next page ability.
0: Link partner does not contain next page capability
1: Link partner contains next page capability
RO
0b
2
Local Device Next Page Able
This bit indicates whether the local device has next page ability.
0: Local device does not contain next page capability
1: Local device contains next page capability
RO
0b
1
Page Received
This bit indicates the reception of a new page.
0: A new page has not been received
1: A new page has been received
RO/LH
0b
0
Link Partner Auto-Negotiation Able
This bit indicates the Auto-negotiation ability of the link partner.
0: Link partner is not Auto-Negotiation able
1: Link partner is Auto-Negotiation able
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com