Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 300 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 300 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 296Page - SMSC Corporation LAN9312 Datasheet HTML 297Page - SMSC Corporation LAN9312 Datasheet HTML 298Page - SMSC Corporation LAN9312 Datasheet HTML 299Page - SMSC Corporation LAN9312 Datasheet HTML 300Page - SMSC Corporation LAN9312 Datasheet HTML 301Page - SMSC Corporation LAN9312 Datasheet HTML 302Page - SMSC Corporation LAN9312 Datasheet HTML 303Page - SMSC Corporation LAN9312 Datasheet HTML 304Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
300
SMSC LAN9312
DATASHEET
14.4.2.8
Port x PHY Mode Control/Status Register (PHY_MODE_CONTROL_STATUS_x)
This read/write register is used to control and monitor various Port x PHY configuration options.
Index (decimal):
17
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:14
RESERVED
RO
-
13
Energy Detect Power-Down (EDPWRDOWN)
This bit controls the Energy Detect Power-Down mode.
0: Energy Detect Power-Down is disabled
1: Energy Detect Power-Down is enabled
R/W
0b
12:2
RESERVED
RO
-
1
Energy On (ENERGYON)
This bit indicates whether energy is detected on the line. It is cleared if no
valid energy is detected within 256ms. This bit is unaffected by a software
reset and is reset to 1 by a hardware reset.
0: No valid energy detected on the line
1: Energy detected on the line
RO
1b
0
RESERVED
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com