Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 303 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 303 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 299Page - SMSC Corporation LAN9312 Datasheet HTML 300Page - SMSC Corporation LAN9312 Datasheet HTML 301Page - SMSC Corporation LAN9312 Datasheet HTML 302Page - SMSC Corporation LAN9312 Datasheet HTML 303Page - SMSC Corporation LAN9312 Datasheet HTML 304Page - SMSC Corporation LAN9312 Datasheet HTML 305Page - SMSC Corporation LAN9312 Datasheet HTML 306Page - SMSC Corporation LAN9312 Datasheet HTML 307Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
303
Revision 1.2 (04-08-08)
DATASHEET
14.4.2.10
Port x PHY Special Control/Status Indication Register (PHY_SPECIAL_CONTROL_STAT_IND_x)
This read/write register is used to control various options of the Port x PHY.
Note 14.61
Register bits designated as NASR are reset when the Port x PHY Reset is generated via
the Reset Control Register (RESET_CTL). The NASR designation is only applicable when
the Re s e t ( P H Y _ R ST ) bit of t he Port x PHY Bas i c Contr o l Register
(PHY_BASIC_CONTROL_x) is set.
Index (decimal):
27
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15
Auto-MDIX Control (AMDIXCTRL)
This bit is responsible for determining the source of Auto-MDIX control for
Port x. When set, the Manual MDIX and Auto MDIX straps
(manual_mdix_strap_1/auto_mdix_strap_1 for Port 1 PHY,
manual_mdix_strap_2/auto_mdix_strap_2 for Port 2 PHY) are overridden,
and Auto-MDIX functions are controlled using bit 14 (AMDIXEN) and bit 13
(AMDIXSTATE) of this register. When cleared, Auto-MDIX functionality is
controlled by the Manual MDIX and Auto MDIX straps by default. Refer to
Section 4.2.4, "Configuration Straps," on page 40 for configuration strap
definitions.
0: Port x Auto-MDIX determined by strap inputs
1: Port x Auto-MDIX determined by bits 14 and 13
R/W
NASR
Note 14.61
0b
14
Auto-MDIX Enable (AMDIXEN)
When bit 15 (AMDIXCTRL) of this register is set, this bit is used in
conjunction with bit 13 (Auto-MDIX State) to control the Port x Auto-MDIX
functionality as shown in Table 14.11.
R/W
NASR
Note 14.61
0b
13
Auto-MDIX State (AMDIXSTATE)
When bit 15 (AMDIXCTRL) of this register is set, this bit is used in
conjunction with bit 14 (Auto-MDIX Enable) to control the Port x Auto-MDIX
functionality as shown in Table 14.11.
R/W
NASR
Note 14.61
0b
12
RESERVED
RO
-
11
SQE Test Disable (SQEOFF)
This bit controls the disabling of the SQE test (Heartbeat). SQE test is
enabled by default.
0: SQE test enabled
1: SQE test disabled
R/W
NASR
Note 14.61
0b
10
Receive PLL Lock Control (VCOOFF_LP)
This bit controls the locking of the receive PLL. Setting this bit to 1 forces
the receive PLL 10M to lock on the reference clock at all times. When in this
mode, 10M data packets cannot be received.
0: Receive PLL 10M can lock on reference or line as needed (normal
operation)
1: Receive PLL 10M locked onto reference clock at all times
R/W
NASR
Note 14.61
0b
9:5
RESERVED
RO
-
4
10Base-T Polarity State (XPOL)
This bit shows the polarity state of the 10Base-T.
0: Normal Polarity
1: Reversed Polarity
RO
0b
3:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com