Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 301 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 301 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 297Page - SMSC Corporation LAN9312 Datasheet HTML 298Page - SMSC Corporation LAN9312 Datasheet HTML 299Page - SMSC Corporation LAN9312 Datasheet HTML 300Page - SMSC Corporation LAN9312 Datasheet HTML 301Page - SMSC Corporation LAN9312 Datasheet HTML 302Page - SMSC Corporation LAN9312 Datasheet HTML 303Page - SMSC Corporation LAN9312 Datasheet HTML 304Page - SMSC Corporation LAN9312 Datasheet HTML 305Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
301
Revision 1.2 (04-08-08)
DATASHEET
14.4.2.9
Port x PHY Special Modes Register (PHY_SPECIAL_MODES_x)
This read/write register is used to control the special modes of the Port x PHY.
Note:
This register is re-written by the EEPROM Loader following the release of reset or a RELOAD
command. Refer to Section 10.2.4, "EEPROM Loader," on page 149 for more information.
Note 14.58
Register bits designated as NASR are reset when the Port x PHY Reset is generated via
the Reset Control Register (RESET_CTL). The NASR designation is only applicable when
the Re s e t ( P H Y _ R ST ) bit of t he Port x PHY Bas i c Contr o l Register
(PHY_BASIC_CONTROL_x) is set.
Note 14.59
The default value of this field is determined by a combination of the configuration straps
autoneg_strap_x, speed_strap_x, and duplex_strap_x. If the autoneg_strap_x is 1, then
the default MODE[2:0] value is 111b. Else, the default value of this field is determined by
the remaining straps. MODE[2]=0, MODE[1]=(speed_strap_1 for Port 1 PHY,
speed_strap_2 for Port 2 PHY), and MODE[0]=(duplex_strap_1 for Port 1 PHY,
duplex_strap_2 for Port 2 PHY). Configuration strap values are latched upon the de-
assertion of a chip-level reset as described in Section 4.2.4, "Configuration Straps," on
page 40. Refer to Section 4.2.4, "Configuration Straps," on page 40 for configuration strap
definitions.
Note 14.60
The default value of this field is determined by the phy_addr_sel_strap configuration strap.
Refer to Section 7.1.1, "PHY Addressing," on page 82 for additional information.
Index (decimal):
18
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:8
RESERVED
RO
-
7:5
PHY Mode (MODE[2:0])
This field controls the PHY mode of operation. Refer to Table 14.10 for a
definition of each mode.
R/W
NASR
Note 14.58
Note 14.59
4:0
PHY Address (PHYADD)
The PHY Address field determines the MMI address to which the PHY will
respond and is also used for initialization of the cipher (scrambler) key. Each
PHY must have a unique address. Refer to Section 7.1.1, "PHY
Addressing," on page 82 for additional information.
Note:
No check is performed to ensure that this address is unique from
the other PHY addresses (Port 1 PHY, Port 2 PHY, and Virtual
PHY).
R/W
NASR
Note 14.58
Note 14.60
Table 14.10 MODE[2:0] Definitions
MODE[2:0]
MODE DEFINITIONS
AFFECTED REGISTER BIT VALUES
PHY_BASIC_CONTROL_x
PHY_AN_ADV_x
[13,12,10,8]
[8,7,6,5]
000
10BASE-T Half Duplex. Auto-negotiation disabled.
0000
N/A
001
10BASE-T Full Duplex. Auto-negotiation disabled.
0001
N/A
010
100BASE-TX Half Duplex. Auto-negotiation
disabled. CRS is active during Transmit & Receive.
1000
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com