Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 374 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 374 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 370Page - SMSC Corporation LAN9312 Datasheet HTML 371Page - SMSC Corporation LAN9312 Datasheet HTML 372Page - SMSC Corporation LAN9312 Datasheet HTML 373Page - SMSC Corporation LAN9312 Datasheet HTML 374Page - SMSC Corporation LAN9312 Datasheet HTML 375Page - SMSC Corporation LAN9312 Datasheet HTML 376Page - SMSC Corporation LAN9312 Datasheet HTML 377Page - SMSC Corporation LAN9312 Datasheet HTML 378Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
374
SMSC LAN9312
DATASHEET
14.5.3.6
Switch Engine ALR Command Status Register (SWE_ALR_CMD_STS)
This register indicates the current ALR command status.
Note 14.62
The default value of this bit is 0 immediately following any switch fabric reset and then self-
sets to 1 once the ALR table is initialized.
Register #:
1808h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:2
RESERVED
RO
-
1
ALR Init Done
When set, indicates that the ALR table has finished being initialized by the
reset process. The initialization is performed upon any reset that resets the
switch fabric. The initialization takes approximately 20uS. During this time,
any received packet will be dropped. Software should monitor this bit before
writing any of the ALR tables or registers.
RO
SS
Note 14.62
0
Make Pending
When set, indicates that the Make Entry command is taking place. This bit
is cleared once the Make Entry command has finished.
RO
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com