Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 372 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 372 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 368Page - SMSC Corporation LAN9312 Datasheet HTML 369Page - SMSC Corporation LAN9312 Datasheet HTML 370Page - SMSC Corporation LAN9312 Datasheet HTML 371Page - SMSC Corporation LAN9312 Datasheet HTML 372Page - SMSC Corporation LAN9312 Datasheet HTML 373Page - SMSC Corporation LAN9312 Datasheet HTML 374Page - SMSC Corporation LAN9312 Datasheet HTML 375Page - SMSC Corporation LAN9312 Datasheet HTML 376Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
372
SMSC LAN9312
DATASHEET
14.5.3.5
Switch Engine ALR Read Data 1 Register (SWE_ALR_RD_DAT_1)
This register is used in conjunction with the Switch Engine ALR Read Data 0 Register
(SWE_ALR_RD_DAT_0) to read the ALR table. It contains the last 32 bits of the ALR entry and is
loaded via the Get First Entry or Get Next Entry commands in the Switch Engine ALR Command
Register (SWE_ALR_CMD). This register is only valid when either of the Valid or End of Table bits are
set.
Register #:
1806h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:25
RESERVED
RO
-
24
Valid
This bit is cleared when the Get First Entry or Get Next Entry bits of the
Switch Engine ALR Command Register (SWE_ALR_CMD) are written. This
bit is set when a valid entry is found in the ALR table. This bit stays cleared
when the top of the ALR table is reached without finding an entry.
RO
0b
23
End of Table
This bit indicates that the end of the ALR table has been reached and further
Get Next Entry commands are not required.
Note:
The Valid bit may or may not be set when the end of the table is
reached.
RO
0b
22
Static
Indicates that this entry will not be removed by the aging process. When this
bit is cleared, this entry will be automatically removed after 5 to 10 minutes
of inactivity. Inactivity is defined as no packets being received with a source
address that matches this MAC address.
RO
0b
21
Filter
When set, indicates that packets with a destination address that matches
this MAC address will be filtered.
RO
0b
20:19
Priority
These bits indicate the priority that is used for packets with a destination
address that matches this MAC address. This priority is only used if the
Static bit of this register is set, and the DA Highest Priority (bit 5) in the
Switch Engine Global Ingress Configuration Register
(SWE_GLOBAL_INGRSS_CFG) register is set.
RO
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com