Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 368 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 368 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 364Page - SMSC Corporation LAN9312 Datasheet HTML 365Page - SMSC Corporation LAN9312 Datasheet HTML 366Page - SMSC Corporation LAN9312 Datasheet HTML 367Page - SMSC Corporation LAN9312 Datasheet HTML 368Page - SMSC Corporation LAN9312 Datasheet HTML 369Page - SMSC Corporation LAN9312 Datasheet HTML 370Page - SMSC Corporation LAN9312 Datasheet HTML 371Page - SMSC Corporation LAN9312 Datasheet HTML 372Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
368
SMSC LAN9312
DATASHEET
14.5.3.2
Switch Engine ALR Write Data 0 Register (SWE_ALR_WR_DAT_0)
This register is used in conjunction with the Switch Engine ALR Write Data 1 Register
(SWE_ALR_WR_DAT_1) and contains the first 32 bits of ALR data to be manually written via the Make
Entry command in the Switch Engine ALR Command Register (SWE_ALR_CMD).
Register #:
1801h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
MAC Address
This field contains the first 32 bits of the ALR entry that will be written into
the ALR table. These bits correspond to the first 32 bits of the MAC address.
Bit 0 holds the LSB of the first byte (the multicast bit).
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com